Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQP32N12V2 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FQP32N12V2
Szczegółowy opis  120V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP32N12V2 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FQP32N12V2 Datasheet HTML 1Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 2Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 3Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 4Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 5Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 6Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 7Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 8Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev. A, December 2003
©2003 Fairchild Semiconductor Corporation
Typical Characteristics
10
-1
10
0
10
1
10
0
10
1
10
2
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Bottom : 4.5 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
2468
10
10
-1
10
0
10
1
10
2
175
oC
25
oC
-55
oC
※ Notes :
1. V
DS
= 40V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
0
2040
6080
100
120
0
20
40
60
80
100
120
140
160
V
GS
= 20V
V
GS = 10V
※ Note : T
J
= 25℃
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
10
2
175℃
※ Notes :
1. V
GS
= 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
3500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
010
20
30
40
50
0
2
4
6
8
10
12
V
DS = 60V
V
DS = 30V
V
DS = 96V
※ Note : I
D = 32A
Q
G, Total Gate Charge [nC]
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature


Podobny numer części - FQP32N12V2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FQP32N12V2 ISC-FQP32N12V2 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Podobny opis - FQP32N12V2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
   120V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
   120V N-Channel MOSFET
logo
PFC Device Inc.
PRM010N12CT PFC-PRM010N12CT Datasheet
809Kb / 8P
   120V Single N-Channel MOSFET
logo
Fairchild Semiconductor
FQB15P12 FAIRCHILD-FQB15P12 Datasheet
652Kb / 9P
   120V P-Channel MOSFET
FQP15P12 FAIRCHILD-FQP15P12 Datasheet
852Kb / 10P
   120V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM15P12 KERSEMI-KSM15P12 Datasheet
2Mb / 7P
   120V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AONS62922 AOSMD-AONS62922 Datasheet
335Kb / 6P
   120V N-Channel AlphaSGT TM
logo
Intersil Corporation
RFP2N12L INTERSIL-RFP2N12L Datasheet
35Kb / 5P
   2A, 120V, 1.750 Ohm, Logic Level, N-Channel Power MOSFET
logo
Nexperia B.V. All right...
PSMN7R8-120PS NEXPERIA-PSMN7R8-120PS Datasheet
744Kb / 13P
   N-channel 120V 7.9m廓 standard level MOSFET in TO220
logo
NXP Semiconductors
PSMN7R8-120PS PHILIPS-PSMN7R8-120PS_15 Datasheet
273Kb / 13P
   N-channel 120V 7.9m廓 standard level MOSFET in TO220
25 January 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com