Zakładka z wyszukiwarką danych komponentów |
|
1N4748 Arkusz danych(PDF) 1 Page - Diode Semiconductor Korea |
|
1N4748 Arkusz danych(HTML) 1 Page - Diode Semiconductor Korea |
1 / 3 page FEATURES Silicon planar power zener diodes For use in stabilizing and clipping circuits with high power rating. Standard zener voltage tolerance is ±10%. Add MECHANICAL DATA Case:DO-41, glass case Terminals: solderable per MIL-STD-202, method 208 Polarity: cathode band Marking: type number Approx. weight: 0.35 grams. Forw ard voltage at IF=200mA Ratings at 25 ambient temperature unless otherwise specified. Z-current IZ PV/VZ UNIT VALUE SYMBOL 1N4728 --- 1N4764 suffix "A" for ±5% tolerance. other zener voltage ZENER DIODES and tolerances are available upon request. POWER DISSIPATION: 1.0 W DO-41(GLASS) W Zener current (see Table "Characteristics") Junction temperature TJ 200 SYMBOL VF UNIT MAX TYP MIN 1.2 V Storage temperature range Ts -55---+200 Pow er dissipation @ Tamb 50 PDiss 1.01) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS K/W 100 RThJA Junction ambient I=9.5mm(3/8 ), T L=constant mA Dimensions in millimeters www.diode.kr Diode Semiconductor Korea |
Podobny numer części - 1N4748 |
|
Podobny opis - 1N4748 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |