Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5515DC Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części SI5515DC
Szczegółowy opis  Complementary 20-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5515DC Arkusz danych(HTML) 5 Page - Vishay Siliconix

  SI5515DC Datasheet HTML 1Page - Vishay Siliconix SI5515DC Datasheet HTML 2Page - Vishay Siliconix SI5515DC Datasheet HTML 3Page - Vishay Siliconix SI5515DC Datasheet HTML 4Page - Vishay Siliconix SI5515DC Datasheet HTML 5Page - Vishay Siliconix SI5515DC Datasheet HTML 6Page - Vishay Siliconix SI5515DC Datasheet HTML 7Page - Vishay Siliconix SI5515DC Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Si5515DC
Vishay Siliconix
Document Number: 72221
S-41167—Rev. B, 14-Jun-04
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N−CHANNEL
10−3
10−2
1
10
600
10−1
10−4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 90_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
10−3
10−2
110
10−1
10−4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P-CHANNEL
0
3
6
9
12
15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
3
6
9
12
15
0
1234
5
VGS = 5 thru 3 V
TC = −55_C
125_C
2.5 V
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
2 V
1.5 V
1 V


Podobny numer części - SI5515DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI5515DC VISHAY-SI5515DC Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
More results

Podobny opis - SI5515DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI1551DL VISHAY-SI1551DL_08 Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
SI1551DL VISHAY-SI1551DL Datasheet
62Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI5513DC VISHAY-SI5513DC Datasheet
83Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. F, 15-Nov-04
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL_10 Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
logo
Guangdong Kexin Industr...
KI1551DL KEXIN-KI1551DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI1553DL KEXIN-KI1553DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5515DC KEXIN-KI5515DC Datasheet
69Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5513DC KEXIN-KI5513DC Datasheet
70Kb / 2P
   Complementary 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com