Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX55C24 Arkusz danych(PDF) 4 Page - Formosa MS

Numer części BZX55C24
Szczegółowy opis  Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORMOSA [Formosa MS]
Strona internetowa  http://www.formosams.com
Logo FORMOSA - Formosa MS

BZX55C24 Arkusz danych(HTML) 4 Page - Formosa MS

  BZX55C24 Datasheet HTML 1Page - Formosa MS BZX55C24 Datasheet HTML 2Page - Formosa MS BZX55C24 Datasheet HTML 3Page - Formosa MS BZX55C24 Datasheet HTML 4Page - Formosa MS BZX55C24 Datasheet HTML 5Page - Formosa MS BZX55C24 Datasheet HTML 6Page - Formosa MS BZX55C24 Datasheet HTML 7Page - Formosa MS BZX55C24 Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
o
AMBIENT TEMPERATURE ( C)
o
JUNCTION TEMPERATURE ( C)
ZENER VOLTAGE (V)
ZENER VOLTAGE (V)
ZENER VOLTAGE (V)
FIG.1-TOTAL POWER DISSIPATION VS.
AMBIENT TEMPERATURE
FIG. 3-TYPICAL CHANGE OF WORKING VOLTAGE
VS. JUNCTION TEMPERATURE
FIG. 2-TYPICAL CHANGE OF WORKING VOLTAGE
o
UNDER OPERATING CONDITIONS AT T =25 C
A
FIG. 4-TEMPERATURE COEFFICIENT OF VZ
VS. Z-VOLTAGE
FIG. 5-DIODE CAPACITANCE VS. Z-VOLTAGE
0
0
100
200
300
400
500
600
40
80
120
160
200
0
0
10
100
1000
5
10
15
20
25
-60
0.8
0
0.9
60
1.0
120
1.1
180
1.2
240
1.3
0
0
0
-5
0
5
10
15
10
20
30
40
50
50
100
150
200
5
10
15
20
25
-4
8 x 10 /K
I = 5mA
Z
I = 5mA
Z
-4
10 x 10 /K
-4
-4 x 10 /K
-4
-2 x 10 /K
0
-4
2 x 10 /K
-4
4 x 10 /K
-4
6 x 10 /K
Rating and characteristic curves (BZX55C2V4 THRU BZX55C100)
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222713
2008/02/10
2010/03/10
B
8


Podobny numer części - BZX55C24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
BZX55C24 NJSEMI-BZX55C24 Datasheet
102Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C24 VISHAY-BZX55C24 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Microdiode Electronics ...
BZX55C24 CHENDA-BZX55C24 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Vishay Siliconix
BZX55C24 VISHAY-BZX55C24 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Shenzhen Luguang Electr...
BZX55C24 LUGUANG-BZX55C24 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Podobny opis - BZX55C24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com