Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFM130-MH1 Arkusz danych(PDF) 2 Page - Formosa MS

Numer części LFM130-MH1
Szczegółowy opis  Chip Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORMOSA [Formosa MS]
Strona internetowa  http://www.formosams.com
Logo FORMOSA - Formosa MS

LFM130-MH1 Arkusz danych(HTML) 2 Page - Formosa MS

  LFM130-MH1 Datasheet HTML 1Page - Formosa MS LFM130-MH1 Datasheet HTML 2Page - Formosa MS LFM130-MH1 Datasheet HTML 3Page - Formosa MS LFM130-MH1 Datasheet HTML 4Page - Formosa MS LFM130-MH1 Datasheet HTML 5Page - Formosa MS LFM130-MH1 Datasheet HTML 6Page - Formosa MS LFM130-MH1 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, l
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
ow forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Suffix "-H" indicates Halogen free parts, ex. LFM120-MH1-H
Page 2
1.0A Surface Mount Schottky Barrier
Rectifiers - 20V-40V
Formosa MS
Chip Schottky Barrier Rectifier
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
LFM120-MH1 THRU LFM140-MH1
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
SOD-123H1
Weight : Approximated 0.0103 gram
DS-12164U
2013/12/17
-
A
7
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
UNITS
Volts
Volts
Volts
Volts
Amps
Amps
mA
pF
°C
°C
LFM140-MH1
40
28
40
-+
55 to 150
-+
55 to 125
LFM130-MH1
160
0.45
1.0
30
0.2
30
21
30
10
LFM120-MH1
Notes 1: Measured at 1 0 MHz and applied reverse voltage of 4.0 Volts
.
20
14
20
SYMBOLS
TSTG
VRRM
VRMS
VDC
IFSM
IO
VF
IR
CJ
TJ
Peak forward surge current 8 3ms single half sine wave
.-
°C
=100°C
Maximum instantaneous forward voltage at I
1 0A
=.
F
=25
TJ
TJ
Maximum average forward rectified current
Maximum repetitive peak reverse voltage
Operating junction temperature range
Typical junction capacitance Note 1
()
Maximum DC reverse current
Maximum DC blocking voltage
at rated DC blocking voltage
Storage temperature range
PARAMETER
Maximum RMS voltage
()
JEDEC Method
Package outline
Dimensions in inches and (millimeters)
SOD-123H1
0.031(0.8) Typ.
0.146(3.7)
0.130(3.3)
0.004(0.1) Typ.
0.031(0.8) Typ.
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)


Podobny numer części - LFM130-MH1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
LFM130-MHT FORMOSA-LFM130-MHT Datasheet
61Kb / 7P
   Chip Schottky Barrier Rectifier
More results

Podobny opis - LFM130-MH1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com