Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB3060CT Arkusz danych(PDF) 2 Page - Formosa MS

Numer części SB3060CT
Szczegółowy opis  Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORMOSA [Formosa MS]
Strona internetowa  http://www.formosams.com
Logo FORMOSA - Formosa MS

SB3060CT Arkusz danych(HTML) 2 Page - Formosa MS

  SB3060CT Datasheet HTML 1Page - Formosa MS SB3060CT Datasheet HTML 2Page - Formosa MS SB3060CT Datasheet HTML 3Page - Formosa MS SB3060CT Datasheet HTML 4Page - Formosa MS SB3060CT Datasheet HTML 5Page - Formosa MS SB3060CT Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : JEDEC TO-220AB molded plastic body over
passivated chip
Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
Polarity:
Mounting Position : Any
Weight : Approximated 2.10 gram
As marked
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
30A Power Schottky Barrier
Rectifiers - 20V-200V
Formosa MS
Schottky Barrier Rectifier
Document ID
Issued Date
Revised Date
Revision
Page.
Features
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free parts, ex. SΒ3020CT-H.
For use in low voltage, high frequency inverters, free wheelling,
and polarity protectionapplications
Offer 15A half wave and 30A full wave rectification.
SB3020CT THRU SB30200CT
Package outline
Dimensions in inches and (millimeters)
TO-220AB
0.419(10.66)
0.387(9.85)
0.139(3.55)
MIN
0.624(15.87)
0.548(13.93)
0.269(6.85)
0.226(5.75)
1
2
3
0.177(4.50)MAX
0.50(12.70)MIN
0.196(5.00)
0.163(4.16)
0.038(0.96)
0.019(0.50)
0.1(2.54)
PIN 1
PIN 3
PIN 2
0.054(1.39)
0.045(1.15)
0.025(0.65)MAX
DS-22262W
2009/02/10
2014/08/15
E
6
Maximum ratings (AT T =25
A
oC unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Peak forward surge current 8.3ms
single half sine-wave(JEDEC method)
Maximum DC blocking voltage
Maximum average forward rectified current
Operating junction temperature range
Storage temperature range
Maximum forward voltage per leg at IF=15A
Maximum DC reverse current at TJ =25°C
at rated DC blocking voltage at TJ =100°C
per leg
Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Thermal Characteristics
Typical thermal resistance
junction to case per leg
PARAMETER
PARAMETER
PARAMETER
SYMBOLS
SYMBOLS
SYMBOLS
VDC
VRRM
IFSM
VRMS
TSTG
IO
TJ
VF
IR
R
θJC
SB
3020CT
20
14
20
SB
3040CT
-55 to +125
0.55
40
28
40
SB
3045CT
45
31.5
45
0.75
60
42
60
SB
3060CT
-55 to +150
-65 to +175
250
0.5
50
2.0
30
SB
3080CT
80
56
80
0.85
SB
30100CT
100
70
100
0.90
SB
30150CT
150
105
150
200
140
SB
30200CT
0.92
200
UNIT
UNIT
UNIT
°C
°C
mA
mA
V
V
V
A
A
V
°C/W
50
35
50
SB
3050CT
SB
3020CT
SB
3040CT
SB
3045CT
SB
3060CT
SB
3080CT
SB
30100CT
SB
30150CT
SB
30200CT
SB
3050CT
SB
3020CT
SB
3040CT
SB
3045CT
SB
3060CT
SB
3080CT
SB
30100CT
SB
30150CT
SB
30200CT
SB
3050CT


Podobny numer części - SB3060CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB3060CT PANJIT-SB3060CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 60 Volts CURRENT - 30.0 Ampere)
logo
PACELEADER INDUSTRIAL
SB3060CT PACELEADER-SB3060CT Datasheet
166Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB3060CT PANJIT-SB3060CT Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SB3060CT LUGUANG-SB3060CT Datasheet
1Mb / 2P
   30A High Power Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
SB3060CT SUNMATE-SB3060CT Datasheet
626Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SB3060CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com