Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST49C101ACF8-06 Arkusz danych(PDF) 6 Page - Exar Corporation

Numer części ST49C101ACF8-06
Szczegółowy opis  High Frequency Clock Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST49C101ACF8-06 Arkusz danych(HTML) 6 Page - Exar Corporation

Back Button ST49C101ACF8-06 Datasheet HTML 2Page - Exar Corporation ST49C101ACF8-06 Datasheet HTML 3Page - Exar Corporation ST49C101ACF8-06 Datasheet HTML 4Page - Exar Corporation ST49C101ACF8-06 Datasheet HTML 5Page - Exar Corporation ST49C101ACF8-06 Datasheet HTML 6Page - Exar Corporation ST49C101ACF8-06 Datasheet HTML 7Page - Exar Corporation ST49C101ACF8-06 Datasheet HTML 8Page - Exar Corporation ST49C101ACF8-06 Datasheet HTML 9Page - Exar Corporation ST49C101ACF8-06 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ST49C101A-XX
6
Rev. 2.20
DC ELECTRICAL CHARACTERISTICS
Test Conditions: T
A = 25°C, VCC = 5.0V + 10%, Operating Temperature Range 0°C to 70°C Unless
Otherwise Specified
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
V
IL
Input Low Level
0.8
V
V
IH
Input High Level
2.0
V
V
OL
Output Low Level
0.5
V
I
OL = 8.0 mA
V
OH
Output High Level
2.8
V
I
OH = 8.0 mA
I
IL
Input Low Current
-100
µA
OE Pin only
I
IH
Input High Current
1
µAV
IN=VCC, OE Pin only
I
CC
Operating Current
35
50
mA
No Load. CLOCK=100MHz
R
IN
Input Pull-up Resistance
75
110
155
k
AC ELECTRICAL CHARACTERISTICS
Test Conditions: T
A = 25°C, VCC = 5.0V + 10%, Operating Temperature Range 0°C to 70°C Unless
Otherwise Specified
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
T1,T2
CLOCK Rise/Fall Time
1.5
3
ns
Load=30 pF, 0.2 V
CC -
0.8 V
CC
T4
T4 + T5
Duty Cycle
45
50
55
%
V
CC/2 Switch Point Up To 100MHz,
Load = 20pF
T4
T4 + T5
Duty Cycle
40
50
60
%
V
CC/2 Switch Point 100-150MHz, 95Ω
(AC Terminated)
T3
Jitter 1 Sigma
+0.4
+1
%
Of Period
T3
Jitter Absolute
+1
+3
%
Of Period
T
IN
Input Reference Frequency
12
20
30
MHz
T
OUT
Output Frequency
50
200
MHz
ST49C101A-01
50
200
MHz
ST49C101A-03
50
200
MHz
ST49C101A-05
50
120
MHz
ST49C101A-06
25
80
MHz
ST49C101A-07
25
80
MHz
ST49C101A-08
50
200
MHz
ST49C101A-09


Podobny numer części - ST49C101ACF8-06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST49C107A EXAR-ST49C107A Datasheet
66Kb / 8P
   Preprogrammed CPU Mother Board Frequency Generator
ST49C107ACF14-04 EXAR-ST49C107ACF14-04 Datasheet
66Kb / 8P
   Preprogrammed CPU Mother Board Frequency Generator
More results

Podobny opis - ST49C101ACF8-06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CTS Corporation
658 CTS-658 Datasheet
148Kb / 5P
   CLOCK, HIGH FREQUENCY MULTIPLIER
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5369 SKYWORKS-SI5369 Datasheet
951Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com