Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK11C68-5L45M Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części STK11C68-5L45M
Szczegółowy opis  CMOS NV SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

STK11C68-5L45M Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STK11C68-5L45M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 9Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STK11C68-M
4-37
#1
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
(VCC = 5.0V ± 10%)
STORE/RECALL CYCLE
22
tAVAV
tRC
STORE/RECALL Initiation Cycle Time
35
45
55
ns
23
tELQZ
p
Chip Enable to Output Inactive
75
75
85
ns
24
tELQXS
tSTORE
q
STORE Cycle Time
10
10
10
ms
25
t
ELQXR
t
RECALL
r
RECALL Cycle Time
20
20
20
µs
26
t
AVELN
s
t
AE
Address Set-up to Chip Enable
0
0
0
ns
27
tELEHN
s,t
tEP
Chip Enable Pulse Width
25
35
45
ns
28
tEHAXN
s
tEA
Chip Disable to Address Change
0
0
0
ns
SYMBOLS
STK11C68-35M
STK11C68-45M
STK11C68-55M
NO.
PARAMETER
UNITS
Note p: Once the software
STORE or RECALL cycle is initiated, it completes automatically, ignoring all inputs.
Note q: Note that
STORE cycles (but not RECALLs) are aborted by VCC < 4.0V (STORE inhibit).
Note r:
A
RECALL cycle is initiated automatically at power up when VCC exceeds 4.0V. tRECALL is measured from the point at which VCC exceeds 4.5V.
Note s: Noise on the E pin may trigger multiple read cycles from the same address and abort the address sequence.
Note t:
If the Chip Enable Pulse Width is less than tELQV (see READ CYCLE #2) but greater than or equal to tELEHN, then the data may not be valid at the end of
the low pulse, however the
STORE or RECALL will still be initiated.
Note u: W must be HIGH when E is LOW during the address sequence in order to initiate a nonvolatile cycle. G may be either HIGH or LOW throughout.
Addresses #1 through #6 are found in the MODE SELECTION table. Address #6 determines whether the STK11C68-M performs a
STORE or RECALL.
Note v: E must be used to clock in the address sequence for the Software
STORE and RECALL cycles.
STORE/RECALL CYCLE u,v
ADDRESS
E
DATA OUT
DATA VALID
ADDRESS #6
ADDRESS #1
DATA VALID
HIGH IMPEDANCE
22
tAVAV
22
tAVAV
26
tAVELN
27
tELEHN
28
tEHAXN
24
tSTORE
25
tRECALL
23
tELQZ


Podobny numer części - STK11C68-5L45M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
STK11C68-5L45M CYPRESS-STK11C68-5L45M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Podobny opis - STK11C68-5L45M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dallas Semiconductor
DS2227 DALLAS-DS2227 Datasheet
191Kb / 10P
   Flexible NV SRAM Stik
logo
Maxim Integrated Produc...
DS2227 MAXIM-DS2227 Datasheet
196Kb / 10P
   Flexible NV SRAM Stik
112099
logo
Dallas Semiconductor
DS3802 DALLAS-DS3802 Datasheet
98Kb / 2P
   Advanced NV SRAM Battery
DS3800 DALLAS-DS3800 Datasheet
26Kb / 2P
   Advanced NV SRAM Battery Cap
logo
Maxim Integrated Produc...
DS3803 MAXIM-DS3803 Datasheet
584Kb / 10P
   1024 Flexible NV SRAM SIMM
112299
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
logo
List of Unclassifed Man...
STK12C68-M ETC-STK12C68-M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
logo
Dallas Semiconductor
DS3803 DALLAS-DS3803 Datasheet
231Kb / 10P
   1024k Flexible NV SRAM SIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com