Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS8406-CZ Arkusz danych(PDF) 10 Page - Cirrus Logic

Numer części CS8406-CZ
Szczegółowy opis  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CZ Arkusz danych(HTML) 10 Page - Cirrus Logic

Back Button CS8406-CZ Datasheet HTML 6Page - Cirrus Logic CS8406-CZ Datasheet HTML 7Page - Cirrus Logic CS8406-CZ Datasheet HTML 8Page - Cirrus Logic CS8406-CZ Datasheet HTML 9Page - Cirrus Logic CS8406-CZ Datasheet HTML 10Page - Cirrus Logic CS8406-CZ Datasheet HTML 11Page - Cirrus Logic CS8406-CZ Datasheet HTML 12Page - Cirrus Logic CS8406-CZ Datasheet HTML 13Page - Cirrus Logic CS8406-CZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
CS8406
10
DS580F1
SWITCHING CHARACTERISTICS - CONTROL PORT - I²C MODE
(Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF)
13. Data must be held for sufficient time to bridge the 300 ns transition time of SCL.
Parameter
Symbol
Min
Typ
Max
Units
SCL Clock Frequency
fscl
-
-
100
kHz
Bus Free Time Between Transmissions
tbuf
4.7
-
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
-
µs
Clock Low Time
tlow
4.7
-
-
µs
Clock High Time
thigh
4.0
-
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
-
µs
SDA Hold Time from SCL Falling
(Note 13)
thdd
0-
-
µs
SDA Setup Time to SCL Rising
tsud
250
-
-
ns
Rise Time of Both SDA and SCL Lines
tr
-
-
1000
ns
Fall Time of Both SDA and SCL Lines
tf
-
-
300
ns
Setup Time for Stop Condition
tsusp
4.7
-
-
µs
t buf
t
hdst
t
hdst
t
low
t r
t f
t
hdd
t high
t sud
t sust
t susp
Stop
Start
Start
Stop
Repeated
SDA
SCL
Figure 4. I²C Mode timing


Podobny numer części - CS8406-CZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS8406-CZZ CIRRUS-CS8406-CZZ Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8406-CZZ CIRRUS-CS8406-CZZ Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8406-CZZR CIRRUS-CS8406-CZZR Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8406-CZZR CIRRUS-CS8406-CZZR Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
More results

Podobny opis - CS8406-CZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416 CIRRUS-CS8416 Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
   Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
   DIGITAL AUDIO INTERFACE TRANSMITTER
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
April 2010
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com