Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS8406-IZ Arkusz danych(PDF) 7 Page - Cirrus Logic

Numer części CS8406-IZ
Szczegółowy opis  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-IZ Arkusz danych(HTML) 7 Page - Cirrus Logic

Back Button CS8406-IZ Datasheet HTML 3Page - Cirrus Logic CS8406-IZ Datasheet HTML 4Page - Cirrus Logic CS8406-IZ Datasheet HTML 5Page - Cirrus Logic CS8406-IZ Datasheet HTML 6Page - Cirrus Logic CS8406-IZ Datasheet HTML 7Page - Cirrus Logic CS8406-IZ Datasheet HTML 8Page - Cirrus Logic CS8406-IZ Datasheet HTML 9Page - Cirrus Logic CS8406-IZ Datasheet HTML 10Page - Cirrus Logic CS8406-IZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
CS8406
DS580F1
7
SWITCHING CHARACTERISTICS
(Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF)
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORTS
(Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF)
Notes: 5. The active edge of ISCLK is programmable in Software mode.
6. The polarity of ILRCK is programmable in Software mode.
7. Prevents the previous ISCLK edge from being interpreted as the first one after ILRCK has changed.
8. This setup time ensures that this ISCLK edge is interpreted as the first one after ILRCK has changed.
Parameter
Symbol
Min
Typ
Max
Units
RST pin Low Pulse Width
200
-
-
µs
OMCK Frequency for OMCK = 512*Fs
4.1
-
98.4
MHz
OMCK Low and High Width for OMCK = 512*Fs
4.1
-
-
ns
OMCK Frequency for OMCK = 384*Fs
3.1
-
73.8
MHz
OMCK Low and High Width for OMCK = 384*Fs
6.1
-
-
ns
OMCK Frequency for OMCK = 256*Fs
2.0
-
49.2
MHz
OMCK Low and High Width for OMCK = 256*Fs
8.1
-
-
ns
OMCK Frequency for OMCK = 128*Fs
1.0
-
24.6
MHz
OMCK Low and High Width for OMCK = 128*Fs
18.3
-
-
ns
Frame Rate
8
-
192
kHz
AES3 Transmitter Output Jitter
-
200
-
ps
Parameter
Symbol
Min
Typ
Max
Units
SDIN Setup Time Before ISCLK Active Edge
(Note 5)
tds
10
-
-
ns
SDIN Hold Time After ISCLK Active Edge
(Note 5)
tdh
8-
-
ns
Master Mode
OMCK to ISCLK active edge delay
(Note 5)
tsmd
0
-
17
ns
OMCK to ILRCK delay
(Note 6)
tlmd
0
-
16
ns
ISCLK and ILRCK Duty Cycle
-
50
-
%
Slave Mode
ISCLK Period
tsckw
36
-
-
ns
ISCLK Input Low Width
tsckl
14.4
-
-
ns
ISCLK Input High Width
tsckh
14.4
-
-
ns
ISCLK Active Edge to ILRCK Edge
(Note 7)
tlrckd
10
-
-
ns
ILRCK Edge Setup Before ISCLK Active Edge
(Note 8)
tlrcks
10
-
-
ns


Podobny numer części - CS8406-IZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS8406-CNZ CIRRUS-CS8406-CNZ Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8406-CNZR CIRRUS-CS8406-CNZR Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8406-CSZ CIRRUS-CS8406-CSZ Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8406-CSZ CIRRUS-CS8406-CSZ Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8406-CSZR CIRRUS-CS8406-CSZR Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
More results

Podobny opis - CS8406-IZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416 CIRRUS-CS8416 Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
   Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
   DIGITAL AUDIO INTERFACE TRANSMITTER
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
April 2010
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com