Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM8Z16A Arkusz danych(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Numer części SM8Z16A
Szczegółowy opis  Surface Mount Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Strona internetowa  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SM8Z16A Arkusz danych(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SM8Z16A Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SM8Z16A Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SM8Z16A Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Transient Voltage Suppressors
SM8Z Series 14 To 43 V 6600W
Note:(1)Non-repetitive current pulse per Fig.2 and derated above T A = 25 °C per Fig.1
The SM8Z series is designed specifically to protect sensitive
electronic equipment from voltage transients induced by lightning
and other transient voltage events.
Working Voltage: 14 to 43 V
Peak Pulse Power: 6600 W
Glass passivated chip
6600 W peak pulse power capability with a
10/1000 us waveform, repetitive rate (duty
cycle):0.01 %
T J = 175 °C capability suitable for high reliability
and automotive requirement
Meets ISO7637-2 surge specification (varied by test
condition)Meet AEC-Q101 requirement
Low leakage
Uni-directional polarity
Excellent clamping capability
Very fast response time
RoHS compliant
Use in sensitive electronics protection against voltage transients
induced by inductive load switching and lighting, especially for
automotive load dump protection application
Case: DO-218AB
Epoxy: UL 94V-0 rate flame retardant
Polarity: Heatsink is anode
VRWM
14V to 43V
PPPM (10/1000µs)
6600W
PPPM (10/10000µs)
5200W
P D
8W
I FSM
700A
T J max.
175°C
Package
DO-218AB
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation
with 10/1000µs waveform
PPPM
6600
W
with 10/10000µs waveform
5200
Power Dissipation on Infinite Heat Sink at TL=25°C (Fig.1)
PD
8
W
Peak Pulse Current with a 10/1000µs waveform
I PP
See Next Table
A
Peak forward surge current 8.3 ms single half sine Wave
I FSM
700
A
Operating junction and storage temperature range
T J , T STG
–55 to +175
°C
Typical thermal resistance, junction to case
R θJC
0.90
°C /Watt
Description
Features
Mechanical Data
Primary Characteristics
Applications
Maximum Ratings and Thermal Characteristics (T A =25 ℃ unless otherwise noted)
www.yfwdiode.com


Podobny numer części - SM8Z16A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Luguang Electr...
SM8Z16A LUGUANG-SM8Z16A Datasheet
5Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
SM8Z16A ANOVA-SM8Z16A Datasheet
824Kb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SM8Z16A UNSEMI-SM8Z16A Datasheet
3Mb / 5P
   Surface Mount Transient Voltage Suppressors 10 To 43 V 6600W
Revision March 1,2022
More results

Podobny opis - SM8Z16A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com