Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2960A Arkusz danych(PDF) 2 Page - Semtech Corporation

Numer części GS2960A
Szczegółowy opis  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2960A Arkusz danych(HTML) 2 Page - Semtech Corporation

  GS2960A Datasheet HTML 1Page - Semtech Corporation GS2960A Datasheet HTML 2Page - Semtech Corporation GS2960A Datasheet HTML 3Page - Semtech Corporation GS2960A Datasheet HTML 4Page - Semtech Corporation GS2960A Datasheet HTML 5Page - Semtech Corporation GS2960A Datasheet HTML 6Page - Semtech Corporation GS2960A Datasheet HTML 7Page - Semtech Corporation GS2960A Datasheet HTML 8Page - Semtech Corporation GS2960A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
GS2960A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54384 - 2
September 2012
2 of 99
Both SMPTE 425M Level A and Level B inputs are
supported. The GS2960A also provides user-selectable
conversion from Level B to Level A for 1080p 50/60 4:2:2
10-bit formats only.
In DVB-ASI mode, sync word detection, alignment and
8b/10b decoding is applied to the received data stream.
In Data-Through mode all forms of SMPTE and DVB-ASI
processing are disabled, and the device can be used as a
simple serial to parallel converter.
The device can also be placed in a lower power Standby
mode. In this mode, no signal processing is carried out and
the parallel output is held static.
Parallel data outputs are provided in 20-bit or 10-bit
multiplexed format for 3Gb/s, HD and SD video rates. For
1080p 50/60 4:2:2 10-bit, the parallel data is output on the
20-bit parallel bus as Y on 10 bits and Cb/Cr on the other 10
bits. As such, this parallel bus can interface directly with
video processor ICs. For other SMPTE 425M mapping
structures, the video data is mapped to a 20-bit virtual
interface as described in SMPTE 425M. In all cases this
20-bit parallel bus can be multiplexed onto 10 bits for a low
pin count interface with downstream devices. The
associated Parallel Clock input signal operates at 148.5 or
148.5/1.001MHz (for all 3Gb/s HD 10-bit multiplexed
modes), 74.25 or 74.25/1.001MHz (for HD 20-bit mode),
27MHz (for SD 10-bit mode) and 13.5MHz (for SD 20-bit
mode).
Note: for 3Gb/s 10-bit mode the device operates in Dual
Data Rate (DDR) mode, where the data is sampled at both
the rising and falling edges of the clock. This reduces the I/O
speed requirements of the downstream devices.
Functional Block Diagram
GS2960A Functional Block Diagram
Buffer
Mux
Reclocker
with
Integrated
VCO
Serial
to
Parallel
Converter
Descramble,
Word Align,
Rate Detect
Flywheel
Video
Standard
Detect
TRS
Detect
Timing
Extraction
Mux
DVB-ASI
Decoder
Illegal code
remap,
TRS/
Line Number/
CRS
Insertion,
EDH Packet
Insertion
SMPTE 425M
ANC/
Checksum
/352M
Extraction
GSPI and
JTAG Controller
Host
Interface
DOUT[19:0]
Output Mux/
Demux
PCLK
Crystal
Buffer/
Oscillator
LF
STAT[5:0]
I/O Control
SDI
TERM
Buffer
SDI
SDO
SDO
1080p 50/60 4:2:2 10-bit
VBG
LB_CONT
Level B
Level A


Podobny numer części - GS2960A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS2960A GENNUM-GS2960A Datasheet
7Mb / 99P
   Ancillary data extraction
More results

Podobny opis - GS2960A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com