Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2984 Arkusz danych(PDF) 11 Page - Semtech Corporation

Numer części GS2984
Szczegółowy opis  Adaptive Cable Equalizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2984 Arkusz danych(HTML) 11 Page - Semtech Corporation

Back Button GS2984 Datasheet HTML 7Page - Semtech Corporation GS2984 Datasheet HTML 8Page - Semtech Corporation GS2984 Datasheet HTML 9Page - Semtech Corporation GS2984 Datasheet HTML 10Page - Semtech Corporation GS2984 Datasheet HTML 11Page - Semtech Corporation GS2984 Datasheet HTML 12Page - Semtech Corporation GS2984 Datasheet HTML 13Page - Semtech Corporation GS2984 Datasheet HTML 14Page - Semtech Corporation GS2984 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
GS2984 Adaptive Cable Equalizer
Data Sheet
50985 - 3
March 2010
11 of 20
4.2 Cable Equalization
The input signal passes through a variable gain equalizing stage, whose frequency
response closely matches the inverse of the cable loss characteristic. In addition, the
variation of the frequency response with control voltage imitates the variation of the
inverse cable loss characteristic with cable length.
The edge energy of the equalized signal is monitored by a detector circuit which
produces an error signal corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is integrated by both an internal and
an external AGC filter capacitor providing a steady control voltage for the gain stage. As
the frequency response of the gain stage is automatically varied by the application of
negative feedback, the edge energy of the equalized signal is kept at a constant level
which is representative of the original edge energy at the transmitter. The equalized
signal is also DC restored, effectively restoring the logic threshold of the equalized signal
to its correct level independent of shifts due to AC coupling.
4.3 Serial Digital Outputs
The digital output signals have a nominal voltage of 800mVpp differential, or 400mVpp
single-ended when terminated with 50Ω as shown in Figure 4-1.
Figure 4-1: Typical Output Voltage Levels (for 3.3V Common Mode)
50
50
SDO
SDO
+200mV
-200mV
VCM = 2.9V
typical
+200mV
-200mV
VCM = 2.9V
typical


Podobny numer części - GS2984

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS2984 GENNUM-GS2984 Datasheet
916Kb / 20P
   GS2984 Adaptive Cable Equalizer
More results

Podobny opis - GS2984

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com