Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLX-6RS-4ST-D1 Arkusz danych(PDF) 2 Page - Red Lion Controls. Inc

Numer części SLX-6RS-4ST-D1
Szczegółowy opis  6 Port Industrial Ethernet Ring Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  REDLION [Red Lion Controls. Inc]
Strona internetowa  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SLX-6RS-4ST-D1 Arkusz danych(HTML) 2 Page - Red Lion Controls. Inc

  SLX-6RS-4ST-D1 Datasheet HTML 1Page - Red Lion Controls. Inc SLX-6RS-4ST-D1 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL/SLX-6RS-1/4/5 Industrial Ethernet Switch Specifications
SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
SIXNET Technology Park
331 Ushers Road Ballston Lake, NY 12019 USA
1.518.877.5173 Fax 1.518.877.8346 sales@sixnet.com
Datasheet SL/SLX-6RS-1/4/5
Rev July 2, 2009
SL/SLX-6RS-1/4/5
6 PORT INDUSTRIAL ETHERNET RING SWITCH
ETHERNET PERFORMANCE
n
6 fast Ethernet ports with up to 2 fiber
n
Managed, store & forward, wire-speed
n
All IEEE 802.3 Ethernet protocols supported
n
RJ45 ports (shielded) 10/100BaseTX
n
RJ45 port speed auto-negotiation
n
RJ45 MDI/MDIX auto-crossover
n
RJ45 TD and RD auto-polarity
n
Fiber optional on port 5 and 6
n
Fiber optic port speed: 100 Mbps
n
Fiber typical specs (see separate datasheet for details)
p
Multimode, 4 km, 1310 nm, 50-62.5/125 µm
p
Singlemode, 20 km, 1310 nm, 9-10/125 µm
p
Long haul, up to 120 km, 1550 nm, 9-10/125 µm
n
Typical latency (varies on load & settings)
p
@ 10 Mbps: 16 us + frame time
p
@ 100 Mbps: 5 us + frame time
n
Full or half duplex operation configurable per port
n
MAC addresses supported 2048
n
Memory bandwidth 3.2 Gbps
n
Ethernet isolation 1500 VRMS 1 minute
ETHERNET COMPLIANCE
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.1p (Priority Queuing – QoS, CoS, ToS/DS)
n
IEEE 802.3x (Full-Duplex with Flow Control)
REAL-TIME-RING™
n
Link loss recovery: 30 mS plus 5 mS per hop
n
Switches in a ring: <50 for best performance
n
Multiple rings supported (configurable)
“OK” ALARM OUTPUT
n
Indicates power & operational status
n
Voltage same as switch input voltage
n
Maximum current output 0.5 Amp
POWER INPUT
n
Redundant input terminals
n
Reverse polarity protection
n
Input power (typ. with all ports active)
p
4 W (-1 model w/ no fiber)
p
6 W (-4/5 model w/ 2 fiber)
n
Power input voltage 10-30 VDC
n
Transient protection 15,000 watts peak
n
Spike protection 5,000 watts (10x for 10 uS)
All specifications are subject to change.
Consult factory for latest info.
ORDERING GUIDE
SLX-6RS-1-D1
6 RJ45 ports, metal case, wide temp
.
SLX-6RS-4SC-D1
4 RJ45 ports, 2 multimode SC, 4 km
SLX-6RS-4ST-D1
4 RJ45 ports, 2 multimode ST, 4 km
SLX-6RS-5SC-D1
4 RJ45 ports, 2 singlemode SC, 20 km
SLX-6RS-5ST-D1
4 RJ45 ports, 2 singlemode ST, 20 km
SLX-6RS-5SCL-D1
4 RJ45 ports, 2 singlemode SC, 40+ km
SLX-6RS-5STL-D1
4 RJ45 ports, 2 singlemode ST, 40+ km
SL-
w/ Lexan case and limited temperature
Setup Wizard
Free - Windows configuration tool
ET-PS-024-02
Power supply – AC to 24VDC, 2A
SP-ETH-2
Dual port Ethernet surge & lightning
protector for 10/100 ports
NOTE: The suffix 1 means it is pre-configured for 1 ring on ports 5 & 6.
Contact SIXNET for other pre-configuration options.
ENVIRONMENTAL
n
Operating temperature:
p
SLX: -40 to +85 °C (cold startup at -40 °C)
p
SL: -40 to +60 °C
n
Storage temperature -40 to +85 °C
n
Humidity (non-condensing) 5 to 95% RH (optional
conformal coating is available)
n
Vibration and shock – IEC60068-2-6, -27
n
Maximum Operating Altitude: 30,000 ft.
STANDARDS COMPLIANCE
n
Electrical safety – UL508 / CSA C22.2/142; EN61010-1, CE
n
EMC – FCC part 15, ICES-003; EN61000-6-2/4, CE
n
Hazardous locations – ANSI/ISA 12.12.01 / CSA C22.2/213
(Class I, Div. 2); EN60079-15 (Zone 2, Category 3),
CE (ATEX)
n
Maritime – designed for marine and offshore per ABS
n
RoHS and WEEE compliant
PHYSICAL
n
DIN rail or direct panel mounting
n
Case – Aluminum (SLX) or Lexan (SL)
n
Ingress protection
p
SL models: IP30
p
SLX models: IP40
n
Weight – SLX: 0.23 kg (8 oz.); SL: 0.17 kg (6 oz.)
n
Dimensions – see mechanical diagram
MECHANICAL DRAWING
SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
SIXNET Technology Park
331 Ushers Road Ballston Lake, NY 12019 USA
1.518.877.5173 Fax 1.518.877.8346 sales@sixnet.com
Datasheet SL/SLX-6RS-1/4/5
Rev July 2, 2009
SL/SLX-6RS-1/4/5
6 PORT INDUSTRIAL ETHERNET RING SWITCH
ETHERNET PERFORMANCE
n
6 fast Ethernet ports with up to 2 fiber
n
Managed, store & forward, wire-speed
n
All IEEE 802.3 Ethernet protocols supported
n
RJ45 ports (shielded) 10/100BaseTX
n
RJ45 port speed auto-negotiation
n
RJ45 MDI/MDIX auto-crossover
n
RJ45 TD and RD auto-polarity
n
Fiber optional on port 5 and 6
n
Fiber optic port speed: 100 Mbps
n
Fiber typical specs (see separate datasheet for details)
p
Multimode, 4 km, 1310 nm, 50-62.5/125 µm
p
Singlemode, 20 km, 1310 nm, 9-10/125 µm
p
Long haul, up to 120 km, 1550 nm, 9-10/125 µm
n
Typical latency (varies on load & settings)
p
@ 10 Mbps: 16 us + frame time
p
@ 100 Mbps: 5 us + frame time
n
Full or half duplex operation configurable per port
n
MAC addresses supported 2048
n
Memory bandwidth 3.2 Gbps
n
Ethernet isolation 1500 VRMS 1 minute
ETHERNET COMPLIANCE
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.1p (Priority Queuing – QoS, CoS, ToS/DS)
n
IEEE 802.3x (Full-Duplex with Flow Control)
REAL-TIME-RING™
n
Link loss recovery: 30 mS plus 5 mS per hop
n
Switches in a ring: <50 for best performance
n
Multiple rings supported (configurable)
“OK” ALARM OUTPUT
n
Indicates power & operational status
n
Voltage same as switch input voltage
n
Maximum current output 0.5 Amp
POWER INPUT
n
Redundant input terminals
n
Reverse polarity protection
n
Input power (typ. with all ports active)
p
4 W (-1 model w/ no fiber)
p
6 W (-4/5 model w/ 2 fiber)
n
Power input voltage 10-30 VDC
n
Transient protection 15,000 watts peak
n
Spike protection 5,000 watts (10x for 10 uS)
All specifications are subject to change.
Consult factory for latest info.
ORDERING GUIDE
SLX-6RS-1-D1
6 RJ45 ports, metal case, wide temp
.
SLX-6RS-4SC-D1
4 RJ45 ports, 2 multimode SC, 4 km
SLX-6RS-4ST-D1
4 RJ45 ports, 2 multimode ST, 4 km
SLX-6RS-5SC-D1
4 RJ45 ports, 2 singlemode SC, 20 km
SLX-6RS-5ST-D1
4 RJ45 ports, 2 singlemode ST, 20 km
SLX-6RS-5SCL-D1
4 RJ45 ports, 2 singlemode SC, 40+ km
SLX-6RS-5STL-D1
4 RJ45 ports, 2 singlemode ST, 40+ km
SL-
w/ Lexan case and limited temperature
Setup Wizard
Free - Windows configuration tool
ET-PS-024-02
Power supply – AC to 24VDC, 2A
SP-ETH-2
Dual port Ethernet surge & lightning
protector for 10/100 ports
NOTE: The suffix 1 means it is pre-configured for 1 ring on ports 5 & 6.
Contact SIXNET for other pre-configuration options.
ENVIRONMENTAL
n
Operating temperature:
p
SLX: -40 to +85 °C (cold startup at -40 °C)
p
SL: -40 to +60 °C
n
Storage temperature -40 to +85 °C
n
Humidity (non-condensing) 5 to 95% RH (optional
conformal coating is available)
n
Vibration and shock – IEC60068-2-6, -27
n
Maximum Operating Altitude: 30,000 ft.
STANDARDS COMPLIANCE
n
Electrical safety – UL508 / CSA C22.2/142; EN61010-1, CE
n
EMC – FCC part 15, ICES-003; EN61000-6-2/4, CE
n
Hazardous locations – ANSI/ISA 12.12.01 / CSA C22.2/213
(Class I, Div. 2); EN60079-15 (Zone 2, Category 3),
CE (ATEX)
n
Maritime – designed for marine and offshore per ABS
n
RoHS and WEEE compliant
PHYSICAL
n
DIN rail or direct panel mounting
n
Case – Aluminum (SLX) or Lexan (SL)
n
Ingress protection
p
SL models: IP30
p
SLX models: IP40
n
Weight – SLX: 0.23 kg (8 oz.); SL: 0.17 kg (6 oz.)
n
Dimensions – see mechanical diagram
MECHANICAL DRAWING
SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
SIXNET Technology Park
331 Ushers Road Ballston Lake, NY 12019 USA
1.518.877.5173 Fax 1.518.877.8346 sales@sixnet.com
Datasheet SL/SLX-6RS-1/4/5
Rev July 2, 2009
SL/SLX-6RS-1/4/5
6 PORT INDUSTRIAL ETHERNET RING SWITCH
ETHERNET PERFORMANCE
n
6 fast Ethernet ports with up to 2 fiber
n
Managed, store & forward, wire-speed
n
All IEEE 802.3 Ethernet protocols supported
n
RJ45 ports (shielded) 10/100BaseTX
n
RJ45 port speed auto-negotiation
n
RJ45 MDI/MDIX auto-crossover
n
RJ45 TD and RD auto-polarity
n
Fiber optional on port 5 and 6
n
Fiber optic port speed: 100 Mbps
n
Fiber typical specs (see separate datasheet for details)
p
Multimode, 4 km, 1310 nm, 50-62.5/125 µm
p
Singlemode, 20 km, 1310 nm, 9-10/125 µm
p
Long haul, up to 120 km, 1550 nm, 9-10/125 µm
n
Typical latency (varies on load & settings)
p
@ 10 Mbps: 16 us + frame time
p
@ 100 Mbps: 5 us + frame time
n
Full or half duplex operation configurable per port
n
MAC addresses supported 2048
n
Memory bandwidth 3.2 Gbps
n
Ethernet isolation 1500 VRMS 1 minute
ETHERNET COMPLIANCE
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.1p (Priority Queuing – QoS, CoS, ToS/DS)
n
IEEE 802.3x (Full-Duplex with Flow Control)
REAL-TIME-RING™
n
Link loss recovery: 30 mS plus 5 mS per hop
n
Switches in a ring: <50 for best performance
n
Multiple rings supported (configurable)
“OK” ALARM OUTPUT
n
Indicates power & operational status
n
Voltage same as switch input voltage
n
Maximum current output 0.5 Amp
POWER INPUT
n
Redundant input terminals
n
Reverse polarity protection
n
Input power (typ. with all ports active)
p
4 W (-1 model w/ no fiber)
p
6 W (-4/5 model w/ 2 fiber)
n
Power input voltage 10-30 VDC
n
Transient protection 15,000 watts peak
n
Spike protection 5,000 watts (10x for 10 uS)
All specifications are subject to change.
Consult factory for latest info.
ORDERING GUIDE
SLX-6RS-1-D1
6 RJ45 ports, metal case, wide temp
.
SLX-6RS-4SC-D1
4 RJ45 ports, 2 multimode SC, 4 km
SLX-6RS-4ST-D1
4 RJ45 ports, 2 multimode ST, 4 km
SLX-6RS-5SC-D1
4 RJ45 ports, 2 singlemode SC, 20 km
SLX-6RS-5ST-D1
4 RJ45 ports, 2 singlemode ST, 20 km
SLX-6RS-5SCL-D1
4 RJ45 ports, 2 singlemode SC, 40+ km
SLX-6RS-5STL-D1
4 RJ45 ports, 2 singlemode ST, 40+ km
SL-
w/ Lexan case and limited temperature
Setup Wizard
Free - Windows configuration tool
ET-PS-024-02
Power supply – AC to 24VDC, 2A
SP-ETH-2
Dual port Ethernet surge & lightning
protector for 10/100 ports
NOTE: The suffix 1 means it is pre-configured for 1 ring on ports 5 & 6.
Contact SIXNET for other pre-configuration options.
ENVIRONMENTAL
n
Operating temperature:
p
SLX: -40 to +85 °C (cold startup at -40 °C)
p
SL: -40 to +60 °C
n
Storage temperature -40 to +85 °C
n
Humidity (non-condensing) 5 to 95% RH (optional
conformal coating is available)
n
Vibration and shock – IEC60068-2-6, -27
n
Maximum Operating Altitude: 30,000 ft.
STANDARDS COMPLIANCE
n
Electrical safety – UL508 / CSA C22.2/142; EN61010-1, CE
n
EMC – FCC part 15, ICES-003; EN61000-6-2/4, CE
n
Hazardous locations – ANSI/ISA 12.12.01 / CSA C22.2/213
(Class I, Div. 2); EN60079-15 (Zone 2, Category 3),
CE (ATEX)
n
Maritime – designed for marine and offshore per ABS
n
RoHS and WEEE compliant
PHYSICAL
n
DIN rail or direct panel mounting
n
Case – Aluminum (SLX) or Lexan (SL)
n
Ingress protection
p
SL models: IP30
p
SLX models: IP40
n
Weight – SLX: 0.23 kg (8 oz.); SL: 0.17 kg (6 oz.)
n
Dimensions – see mechanical diagram
MECHANICAL DRAWING
SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
SIXNET Technology Park
331 Ushers Road Ballston Lake, NY 12019 USA
1.518.877.5173 Fax 1.518.877.8346 sales@sixnet.com
Datasheet SL/SLX-6RS-1/4/5
Rev July 2, 2009
SL/SLX-6RS-1/4/5
6 PORT INDUSTRIAL ETHERNET RING SWITCH
ETHERNET PERFORMANCE
n
6 fast Ethernet ports with up to 2 fiber
n
Managed, store & forward, wire-speed
n
All IEEE 802.3 Ethernet protocols supported
n
RJ45 ports (shielded) 10/100BaseTX
n
RJ45 port speed auto-negotiation
n
RJ45 MDI/MDIX auto-crossover
n
RJ45 TD and RD auto-polarity
n
Fiber optional on port 5 and 6
n
Fiber optic port speed: 100 Mbps
n
Fiber typical specs (see separate datasheet for details)
p
Multimode, 4 km, 1310 nm, 50-62.5/125 µm
p
Singlemode, 20 km, 1310 nm, 9-10/125 µm
p
Long haul, up to 120 km, 1550 nm, 9-10/125 µm
n
Typical latency (varies on load & settings)
p
@ 10 Mbps: 16 us + frame time
p
@ 100 Mbps: 5 us + frame time
n
Full or half duplex operation configurable per port
n
MAC addresses supported 2048
n
Memory bandwidth 3.2 Gbps
n
Ethernet isolation 1500 VRMS 1 minute
ETHERNET COMPLIANCE
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.1p (Priority Queuing – QoS, CoS, ToS/DS)
n
IEEE 802.3x (Full-Duplex with Flow Control)
REAL-TIME-RING™
n
Link loss recovery: 30 mS plus 5 mS per hop
n
Switches in a ring: <50 for best performance
n
Multiple rings supported (configurable)
“OK” ALARM OUTPUT
n
Indicates power & operational status
n
Voltage same as switch input voltage
n
Maximum current output 0.5 Amp
POWER INPUT
n
Redundant input terminals
n
Reverse polarity protection
n
Input power (typ. with all ports active)
p
4 W (-1 model w/ no fiber)
p
6 W (-4/5 model w/ 2 fiber)
n
Power input voltage 10-30 VDC
n
Transient protection 15,000 watts peak
n
Spike protection 5,000 watts (10x for 10 uS)
All specifications are subject to change.
Consult factory for latest info.
ORDERING GUIDE
SLX-6RS-1-D1
6 RJ45 ports, metal case, wide temp
.
SLX-6RS-4SC-D1
4 RJ45 ports, 2 multimode SC, 4 km
SLX-6RS-4ST-D1
4 RJ45 ports, 2 multimode ST, 4 km
SLX-6RS-5SC-D1
4 RJ45 ports, 2 singlemode SC, 20 km
SLX-6RS-5ST-D1
4 RJ45 ports, 2 singlemode ST, 20 km
SLX-6RS-5SCL-D1
4 RJ45 ports, 2 singlemode SC, 40+ km
SLX-6RS-5STL-D1
4 RJ45 ports, 2 singlemode ST, 40+ km
SL-
w/ Lexan case and limited temperature
Setup Wizard
Free - Windows configuration tool
ET-PS-024-02
Power supply – AC to 24VDC, 2A
SP-ETH-2
Dual port Ethernet surge & lightning
protector for 10/100 ports
NOTE: The suffix 1 means it is pre-configured for 1 ring on ports 5 & 6.
Contact SIXNET for other pre-configuration options.
ENVIRONMENTAL
n
Operating temperature:
p
SLX: -40 to +85 °C (cold startup at -40 °C)
p
SL: -40 to +60 °C
n
Storage temperature -40 to +85 °C
n
Humidity (non-condensing) 5 to 95% RH (optional
conformal coating is available)
n
Vibration and shock – IEC60068-2-6, -27
n
Maximum Operating Altitude: 30,000 ft.
STANDARDS COMPLIANCE
n
Electrical safety – UL508 / CSA C22.2/142; EN61010-1, CE
n
EMC – FCC part 15, ICES-003; EN61000-6-2/4, CE
n
Hazardous locations – ANSI/ISA 12.12.01 / CSA C22.2/213
(Class I, Div. 2); EN60079-15 (Zone 2, Category 3),
CE (ATEX)
n
Maritime – designed for marine and offshore per ABS
n
RoHS and WEEE compliant
PHYSICAL
n
DIN rail or direct panel mounting
n
Case – Aluminum (SLX) or Lexan (SL)
n
Ingress protection
p
SL models: IP30
p
SLX models: IP40
n
Weight – SLX: 0.23 kg (8 oz.); SL: 0.17 kg (6 oz.)
n
Dimensions – see mechanical diagram
MECHANICAL DRAWING
SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
SIXNET Technology Park
331 Ushers Road Ballston Lake, NY 12019 USA
1.518.877.5173 Fax 1.518.877.8346 sales@sixnet.com
Datasheet SL/SLX-6RS-1/4/5
Rev July 2, 2009
SL/SLX-6RS-1/4/5
6 PORT INDUSTRIAL ETHERNET RING SWITCH
ETHERNET PERFORMANCE
n
6 fast Ethernet ports with up to 2 fiber
n
Managed, store & forward, wire-speed
n
All IEEE 802.3 Ethernet protocols supported
n
RJ45 ports (shielded) 10/100BaseTX
n
RJ45 port speed auto-negotiation
n
RJ45 MDI/MDIX auto-crossover
n
RJ45 TD and RD auto-polarity
n
Fiber optional on port 5 and 6
n
Fiber optic port speed: 100 Mbps
n
Fiber typical specs (see separate datasheet for details)
p
Multimode, 4 km, 1310 nm, 50-62.5/125 µm
p
Singlemode, 20 km, 1310 nm, 9-10/125 µm
p
Long haul, up to 120 km, 1550 nm, 9-10/125 µm
n
Typical latency (varies on load & settings)
p
@ 10 Mbps: 16 us + frame time
p
@ 100 Mbps: 5 us + frame time
n
Full or half duplex operation configurable per port
n
MAC addresses supported 2048
n
Memory bandwidth 3.2 Gbps
n
Ethernet isolation 1500 VRMS 1 minute
ETHERNET COMPLIANCE
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.1p (Priority Queuing – QoS, CoS, ToS/DS)
n
IEEE 802.3x (Full-Duplex with Flow Control)
REAL-TIME-RING™
n
Link loss recovery: 30 mS plus 5 mS per hop
n
Switches in a ring: <50 for best performance
n
Multiple rings supported (configurable)
“OK” ALARM OUTPUT
n
Indicates power & operational status
n
Voltage same as switch input voltage
n
Maximum current output 0.5 Amp
POWER INPUT
n
Redundant input terminals
n
Reverse polarity protection
n
Input power (typ. with all ports active)
p
4 W (-1 model w/ no fiber)
p
6 W (-4/5 model w/ 2 fiber)
n
Power input voltage 10-30 VDC
n
Transient protection 15,000 watts peak
n
Spike protection 5,000 watts (10x for 10 uS)
All specifications are subject to change.
Consult factory for latest info.
ORDERING GUIDE
SLX-6RS-1-D1
6 RJ45 ports, metal case, wide temp
.
SLX-6RS-4SC-D1
4 RJ45 ports, 2 multimode SC, 4 km
SLX-6RS-4ST-D1
4 RJ45 ports, 2 multimode ST, 4 km
SLX-6RS-5SC-D1
4 RJ45 ports, 2 singlemode SC, 20 km
SLX-6RS-5ST-D1
4 RJ45 ports, 2 singlemode ST, 20 km
SLX-6RS-5SCL-D1
4 RJ45 ports, 2 singlemode SC, 40+ km
SLX-6RS-5STL-D1
4 RJ45 ports, 2 singlemode ST, 40+ km
SL-
w/ Lexan case and limited temperature
Setup Wizard
Free - Windows configuration tool
ET-PS-024-02
Power supply – AC to 24VDC, 2A
SP-ETH-2
Dual port Ethernet surge & lightning
protector for 10/100 ports
NOTE: The suffix 1 means it is pre-configured for 1 ring on ports 5 & 6.
Contact SIXNET for other pre-configuration options.
ENVIRONMENTAL
n
Operating temperature:
p
SLX: -40 to +85 °C (cold startup at -40 °C)
p
SL: -40 to +60 °C
n
Storage temperature -40 to +85 °C
n
Humidity (non-condensing) 5 to 95% RH (optional
conformal coating is available)
n
Vibration and shock – IEC60068-2-6, -27
n
Maximum Operating Altitude: 30,000 ft.
STANDARDS COMPLIANCE
n
Electrical safety – UL508 / CSA C22.2/142; EN61010-1, CE
n
EMC – FCC part 15, ICES-003; EN61000-6-2/4, CE
n
Hazardous locations – ANSI/ISA 12.12.01 / CSA C22.2/213
(Class I, Div. 2); EN60079-15 (Zone 2, Category 3),
CE (ATEX)
n
Maritime – designed for marine and offshore per ABS
n
RoHS and WEEE compliant
PHYSICAL
n
DIN rail or direct panel mounting
n
Case – Aluminum (SLX) or Lexan (SL)
n
Ingress protection
p
SL models: IP30
p
SLX models: IP40
n
Weight – SLX: 0.23 kg (8 oz.); SL: 0.17 kg (6 oz.)
n
Dimensions – see mechanical diagram
MECHANICAL DRAWING
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.
ADLD0329 091916 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.


Podobny numer części - SLX-6RS-4ST-D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Red Lion Controls. Inc
SLX-6RS-4SC-D1 REDLION-SLX-6RS-4SC-D1 Datasheet
781Kb / 2P
   SL/SLX-6RS-1/4/5 Industrial Ethernet Switch
More results

Podobny opis - SLX-6RS-4ST-D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Red Lion Controls. Inc
306TX REDLION-306TX Datasheet
639Kb / 3P
   Unmanaged 6 Port Industrial Ethernet Switch
logo
ORing Industrial Networ...
IPS-1042FX-24V ORING-IPS-1042FX-24V Datasheet
1Mb / 4P
   Industrial 6-port unmanaged PoE Ethernet switch
IGS-9042GP ORING-IGS-9042GP Datasheet
579Kb / 6P
   Industrial 6-port managed Gigabit Ethernet switch
IES-2060 ORING-IES-2060 Datasheet
1Mb / 4P
   Industrial 6-port lite-managed Ethernet switch
IGPS-1042GP-24V ORING-IGPS-1042GP-24V Datasheet
1Mb / 4P
   Industrial 6-port unmanaged Gigabit PoE Ethernet switch
IPS-2042P ORING-IPS-2042P Datasheet
921Kb / 3P
   Industrial 6-port lite-managed PoE Ethernet switch
IPS-2042TX ORING-IPS-2042TX Datasheet
1Mb / 4P
   Industrial 6-port lite-managed PoE Ethernet Switch
IES-1041FX ORING-IES-1041FX Datasheet
1Mb / 4P
   Industrial slim type 5-port/6-port unmanaged Ethernet switch
IGS-1042GPA ORING-IGS-1042GPA Datasheet
1Mb / 3P
   Industrial 6-port slim type unmanaged Gigabit Ethernet switch
IPS-1042FA ORING-IPS-1042FA Datasheet
1Mb / 4P
   Industrial 6-port slim type unmanaged PoE Ethernet switch
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com