Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM1231-02SO Arkusz danych(PDF) 2 Page - Diodes Incorporated

Numer części DM1231-02SO
Szczegółowy opis  2-CHANNEL LOW CAPACITANCE ESD PROTECTION ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DM1231-02SO Arkusz danych(HTML) 2 Page - Diodes Incorporated

  DM1231-02SO Datasheet HTML 1Page - Diodes Incorporated DM1231-02SO Datasheet HTML 2Page - Diodes Incorporated DM1231-02SO Datasheet HTML 3Page - Diodes Incorporated DM1231-02SO Datasheet HTML 4Page - Diodes Incorporated DM1231-02SO Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DM1231-02SO
Document number: DS37786 Rev.3
– 2
2 of 5
www.diodes.com
May 2016
© Diodes Incorporated
DM1231-02SO
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
Code
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Value
Unit
Operating Supply Voltage (
VP)
6
V
Diode Forward Current(AOUT/BOUT Side)
8
mA
Continuous Current through Signal Pins (IN to OUT) 1,000 hours
125
mA
ESD Protection
– Contact Discharge (Note5)
±12
kV
±4
kV
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation Typical (Note 6)
PD
300
mW
Thermal Resistance, Junction to Ambient Typical (Note 6)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
ºC
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Operating Supply Voltage
VP
5
5.5
V
Reverse Current (Note 7)
IR
1
μA
VP = 5V, VP to VN
Diode Forward Voltage
VF
0.6
0.8
0.95
V
IF = 8mA, Top Diode
Diode Forward Voltage
VF
0.6
0.8
0.95
V
IF = 8mA, Bottom Diode
Residual ESD Peak Current on
RDUP(Resistance of Device Under
Protection)
IRES
2.3
A
IEC 61000-4-2 contact mode 8kV,
RDUP = 5
Channel Clamping Voltage (Note 8)
VCL_Positive
+9
V
IPP =1A, tp = 8/20µs
Zap at OUT, Measure at IN
VCL_Negative
-1.4
V
Dynamic Resistance
RDYN_Positive
0.4
IPP =1A, tp = 8/20µs
Zap at OUT, Measure at IN
RDYN_Negative
0.3
Channel Input Capacitance(Note 9)
COUT
1.5
pF
f = 1MHz, VP = 5V, VOSC = 2.5V, VOSC =
30mV
Channel to Channel Capacitance
Match
ΔC
OUT
0.02
pF
f = 1MHz, VP = 5V, VOSC = 2.5V, VOSC =
30mV
Series Resistance
RS
1
Channel to Channel Resistance
Match
ΔR
S
±10
±30
m
Notes:
5. Standard test condition is IEC61000-4-2 level 4 test circuit with each (AOUT/BOUT) pin subjected to ±12kV contact discharge for 1000 pulses.
Discharges are timed at 1 second intervals and all 1000 strikes are completed in one continuous test run.
6. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout, which can be found on our website at
http://www.diodes.com/package-outlines.html.
7. Short duration pulse test used to minimize self-heating effect.
8. Clamping voltage value is based on an 8x20µs peak pulse current (Ipp) waveform.
9. Capacitance measured from VOUT to VN with VIN floating.
BF4= Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: D = 2016)
M = Month (ex: 9 = September)
Note: “ ” represents internal code


Podobny numer części - DM1231-02SO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sharma Electro Componen...
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
logo
Danisense A/S
DM1200ID DANISENSE-DM1200ID Datasheet
463Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1800A
2023 05 04
DM1200ID-CD3000 DANISENSE-DM1200ID-CD3000 Datasheet
477Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1500A
2022-11-29
DM1200UB-10V DANISENSE-DM1200UB-10V Datasheet
509Kb / 8P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1320A
2022-11-29
DM1200UB-1V DANISENSE-DM1200UB-1V Datasheet
525Kb / 8P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1800A
2022-11-29
More results

Podobny opis - DM1231-02SO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HY ELECTRONIC CORP.
HYESD1025QG HY-HYESD1025QG Datasheet
196Kb / 2P
   2 Channel Low Capacitance ESD Protection DIode Array
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF_14 Datasheet
99Kb / 5P
   Dual Channel Low Capacitance ESD Protection Array
UM5204EECD UNIONSEMI-UM5204EECD Datasheet
198Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A_15 Datasheet
259Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204_16 Datasheet
314Kb / 11P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EEXF UNIONSEMI-UM5204EEXF Datasheet
255Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304EEXF UNIONSEMI-UM5304EEXF Datasheet
217Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com