Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G07S0000 Arkusz danych(PDF) 1 Page - Red Lion Controls. Inc

Numer części G07S0000
Szczegółowy opis  Graphic Operator Interface Panels with Modular I/O
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  REDLION [Red Lion Controls. Inc]
Strona internetowa  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

G07S0000 Arkusz danych(HTML) 1 Page - Red Lion Controls. Inc

  G07S0000 Datasheet HTML 1Page - Red Lion Controls. Inc G07S0000 Datasheet HTML 2Page - Red Lion Controls. Inc G07S0000 Datasheet HTML 3Page - Red Lion Controls. Inc G07S0000 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Graphite® Advanced Rugged HMIs
Red Lion Automation Series
Graphic Operator Interface Panels with Modular I/O
PRODUCT HIGHLIGHTS
> Protocol Conversion With Over 300 Drivers
> Up to Eight Plug-In I/O and Communication
Module Slots
> Built-in Web Server for Remote Access
> On-Board Data Logging to SD Card or via FTP
> Industrial Construction, Die-Cast Aluminum
Housing Provides Extreme Protection
> Wide -20° to 60°C Operating Temperature Range
> Outdoor Sunlight Readable Models Available
> Dual USB Host Capability
Graphite HMIs are the industry’s first rugged
HMI solution to combine plug-in modules with
protocol conversion, data logging and
web-based monitoring and control.
From factories to extreme locations, Graphite HMIs allow customers
to easily connect, monitor and control their processes and equipment.
Graphite HMIs provide powerful protocol conversion between 300 drivers
providing up to 13 simultaneous protocol conversions ensuring every device
is integrated. Available in eight different models with sizes ranging from 7”
to 15”, Graphite’s sleek design provides full-color touchscreen displays that
consume minimal panel space.
APPLICATIONS
> Machine Automation
> Oil and Gas
> Water/Wastewater
> Plastic Extrusion
> Data Acquisition
C
US
UL
R
LISTED
FEATURES & BENEFITS
> Plug-in I/O, PID Control and Communication Modules
• Minimizes equipment complexity with an
all-in-one solution
> Full-Color Touchscreen Display
• Outdoor sunlight readable models
• Optional widescreen
• Narrow bezel reduces installation space
> Rugged Construction
• Wide -20° to 60°C operating temperature
• High tolerance to shock and vibration
• UL Class 1, Division 2, ABS, ATEX and IECEx
approvals for hazardous locations
> Configured via Crimson® 3 Software
• Intuitive drag-and-drop graphical software for
easy setup
• Quickly create simple applications using
step-by-step process
• Over 300 built-in drivers can be mapped to PLCs,
drives and scanners in seconds
> Powerful Integration Features
• Ethernet, USB and serial ports make
communication simple
• Built-in data logging for all connected equipment
ensures equipment uptime
• Robust web server provides remote access
and control


Podobny numer części - G07S0000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
G070Y2-L01 ETC1-G070Y2-L01 Datasheet
520Kb / 30P
   GENERAL DESCRIPTION ABSOLUTE MAXIMUM RATINGS
logo
Yangzhou yangjie electr...
G07A YANGJIE-G07A Datasheet
92Kb / 2P
   General Purpose Rectifier
G07B YANGJIE-G07B Datasheet
92Kb / 2P
   General Purpose Rectifier
logo
List of Unclassifed Man...
G07BA ETC1-G07BA Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G07BB ETC1-G07BB Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
More results

Podobny opis - G07S0000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Red Lion Controls. Inc
G308A REDLION-G308A Datasheet
689Kb / 8P
   GRAPHIC LCD OPERATOR INTERFACE TERMINAL WITH VGA DISPLAY AND TOUCHSCREEN
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R Datasheet
3Mb / 86P
   I/O MCU with USB Interface
HT82B60R HOLTEK-HT82B60R Datasheet
489Kb / 70P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R_14 Datasheet
3Mb / 84P
   I/O MCU with USB Interface
logo
IC-Haus GmbH
IC-GD ICHAUS-IC-GD Datasheet
1,023Kb / 55P
   UNIVERSAL I/O INTERFACE
logo
SMSC Corporation
LPC47S45X SMSC-LPC47S45X_07 Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
LPC47S45X SMSC-LPC47S45X Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
logo
M-System Co.,Ltd.
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
   Remote I/O R3 Series INTERFACE I/O MODULE
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com