Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H106 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10H106
Szczegółowy opis  Triple 4-3-3-Onput NOR Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H106 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10H106 Datasheet HTML 1Page - ON Semiconductor MC10H106 Datasheet HTML 2Page - ON Semiconductor MC10H106 Datasheet HTML 3Page - ON Semiconductor MC10H106 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10H106
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
–8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current – Continuous
– Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range – Plastic
– Ceramic
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note 1.)
0
°
25
°
75
°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
23
21
23
mA
IinH
Input Current High
500
310
310
µA
IinL
Input Current Low
0.5
0.5
0.3
µA
VOH
High Output Voltage
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
VOL
Low Output Voltage
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
VIH
High Input Voltage
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
VIL
Low Input Voltage
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
tpd
Propagation Delay
0.5
1.3
0.5
1.5
0.55
1.55
ns
tr
Rise Time
0.5
1.7
0.5
1.8
0.55
1.9
ns
tf
Fall Time
0.5
1.7
0.5
1.8
0.55
1.9
ns
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 Ifpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts.


Podobny numer części - MC10H106

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H106 ONSEMI-MC10H106 Datasheet
150Kb / 6P
   Triple 4?????묲nput NOR Gate
February, 2006 ??Rev. 9
MC10H106FN ONSEMI-MC10H106FN Datasheet
150Kb / 6P
   Triple 4?????묲nput NOR Gate
February, 2006 ??Rev. 9
MC10H106FNG ONSEMI-MC10H106FNG Datasheet
150Kb / 6P
   Triple 4?????묲nput NOR Gate
February, 2006 ??Rev. 9
MC10H106FNR2 ONSEMI-MC10H106FNR2 Datasheet
150Kb / 6P
   Triple 4?????묲nput NOR Gate
February, 2006 ??Rev. 9
MC10H106FNR2G ONSEMI-MC10H106FNR2G Datasheet
150Kb / 6P
   Triple 4?????묲nput NOR Gate
February, 2006 ??Rev. 9
More results

Podobny opis - MC10H106

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10106 ONSEMI-MC10106 Datasheet
99Kb / 4P
   Triple 4-3-3-Input NOR Gate
1996 REV 5
MC10106 ONSEMI-MC10106_02 Datasheet
85Kb / 4P
   Triple 4-3-3-Input NOR Gate
January, 2002 ??Rev. 7
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com