Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33997 Arkusz danych(PDF) 5 Page - Motorola, Inc

Numer części MC33997
Szczegółowy opis  Switching Power Supply with Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33997 Arkusz danych(HTML) 5 Page - Motorola, Inc

  MC33997 Datasheet HTML 1Page - Motorola, Inc MC33997 Datasheet HTML 2Page - Motorola, Inc MC33997 Datasheet HTML 3Page - Motorola, Inc MC33997 Datasheet HTML 4Page - Motorola, Inc MC33997 Datasheet HTML 5Page - Motorola, Inc MC33997 Datasheet HTML 6Page - Motorola, Inc MC33997 Datasheet HTML 7Page - Motorola, Inc MC33997 Datasheet HTML 8Page - Motorola, Inc MC33997 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33997
5
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
Main Supply Voltage
VPWR
-0.3 to 45
V
Keep-Alive Supply Voltage
KA_VPWR
-0.3 to 45
V
Switching Node
VSW
-0.5 to 45
V
5.0 V Input Power
VDDH
-0.3 to 6.0
V
Sensor Supply
VREF1
VREF2
-0.3 to 18
-0.3 to 18
V
Keep-Alive Supply Voltage
VKAM
-0.3 to 6.0
V
Maximum Voltage at Logic I/O Pins
EN
SNSEN
PWROK
VKAMOK
-0.3 to 6.0
-0.3 to 6.0
-0.3 to 6.0
-0.3 to 6.0
V
Charge Pump Reservoir Capacitor Voltage
CRES
-0.3 to 18
V
Error Amplifier Summing Node
VSUM
-0.3 to 6.0
V
Switching Regulator Output Feedback
FBKB
-0.3 to 6.0
V
VDDL Base Drive
DRVL
-0.3 to 6.0
V
VDDL Feedback
FBL
-0.3 to 6.0
V
ESD Voltage
Human Body Model (all pins) (Note 1)
Machine Model (all pins) (Note 2)
VESD1
VESD2
±500
±100
V
Power Dissipation (TA = 25°C) (Note 3)
PD
800
mW
Thermal Resistance, Junction to Ambient (Note 4), (Note 5)
RθJ-A
60
°C/W
Thermal Resistance, Junction to Board (Note 6)
RθJ-B
20
°C/W
Operational Package Temperature [Ambient Temperature] (Note 7)
TA
-40 to 125
°C
Operational Junction Temperature
TJ
-40 to 150
°C
Storage Temperature
TSTG
-55 to 150
°C
Lead Soldering Temperature (Note 8)
TS
260
°C
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω).
2.
ESD2 testing is performed in accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω)
3.
Maximum power dissipation at indicated junction temperature.
4.
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
5.
Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
6.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface
of the board near the package.
7.
The limiting factor is junction temperature, taking into account the power dissipation, thermal resistance, and heat sinking.
8.
Lead soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC33997

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33997DW FREESCALE-MC33997DW Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
MC33997DWR2 FREESCALE-MC33997DWR2 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
More results

Podobny opis - MC33997

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
33997 FREESCALE-33997 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
   Switching Power Supply with Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com