Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DZTA42Q Arkusz danych(PDF) 5 Page - Diodes Incorporated

Numer części DZTA42Q
Szczegółowy opis  300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZTA42Q Arkusz danych(HTML) 5 Page - Diodes Incorporated

  DZTA42Q Datasheet HTML 1Page - Diodes Incorporated DZTA42Q Datasheet HTML 2Page - Diodes Incorporated DZTA42Q Datasheet HTML 3Page - Diodes Incorporated DZTA42Q Datasheet HTML 4Page - Diodes Incorporated DZTA42Q Datasheet HTML 5Page - Diodes Incorporated DZTA42Q Datasheet HTML 6Page - Diodes Incorporated DZTA42Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DZTA42Q
Datasheet Number: DS38748 Rev. 1 - 2
5 of 7
www.diodes.com
May 2016
© Diodes Incorporated
DZTA42Q
0
0.1
0.2
0.3
0.4
0.5
0.01
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Figure 3 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 150 C
A
°
I /I = 10
CB
0
0.2
0.4
0.6
0.8
1
0.001
0.01
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Figure 4 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1
1.2
0.01
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Figure 5 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
I /I = 10
CB
0
20
40
60
80
100
120
0.01
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Figure 6 Typical Capacitance Characteristics
f = 1MHz
Cibo
C
obo
0
40
80
120
160
200
0
20
40
60
80
100
I , COLLECTOR CURRENT
C
Figure 7 Typical Gain-Bandwidth Product vs. Collector Current
V
= 20V
f = 100MHz
CE
(mA)


Podobny numer części - DZTA42Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
DZTA42 DIODES-DZTA42 Datasheet
239Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
More results

Podobny opis - DZTA42Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT657 DIODES-FZT657_15 Datasheet
616Kb / 7P
   300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT223
FZT757 DIODES-FZT757_15 Datasheet
472Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FZT857 DIODES-FZT857_15 Datasheet
576Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT857TA DIODES-FZT857TA Datasheet
322Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FMMTA42 DIODES-FMMTA42_15 Datasheet
269Kb / 6P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
DZT5551Q DIODES-DZT5551Q Datasheet
492Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
DZT5551 DIODES-DZT5551_15 Datasheet
155Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com