Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2902QS14-13 Arkusz danych(PDF) 6 Page - Diodes Incorporated

Numer części LM2902QS14-13
Szczegółowy opis  AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2902QS14-13 Arkusz danych(HTML) 6 Page - Diodes Incorporated

Back Button LM2902QS14-13 Datasheet HTML 2Page - Diodes Incorporated LM2902QS14-13 Datasheet HTML 3Page - Diodes Incorporated LM2902QS14-13 Datasheet HTML 4Page - Diodes Incorporated LM2902QS14-13 Datasheet HTML 5Page - Diodes Incorporated LM2902QS14-13 Datasheet HTML 6Page - Diodes Incorporated LM2902QS14-13 Datasheet HTML 7Page - Diodes Incorporated LM2902QS14-13 Datasheet HTML 8Page - Diodes Incorporated LM2902QS14-13 Datasheet HTML 9Page - Diodes Incorporated LM2902QS14-13 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Document number: DS37815 Rev. 3 - 2
6 of 16
www.diodes.com
June 2016
© Diodes Incorporated
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Performance Characteristics
Input Voltage Range
-40
-20
0
20
40
60
80
100
120
0
2
4
6
8
10
12
14
16
18
20
Temperature (
oC)
Input Current
3
6
9
12
15
18
21
24
27
30
33
36
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Dual OPAs
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
T
A
=125
OC
Supply Voltage (V)
Supply Current vs. Supply Voltage (LM2904Q/4AQ)
-40
-25
-10
5
20
35
50
65
80
95
110
125
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VCC=5.0V
VCC=15V
VCC=30V
Dual OPAs
Temperature (
OC)
Supply Current vs. Temperature (LM2904Q/AQ)
3
6
9
12
15
18
21
24
27
30
33
36
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
Quad OPAs
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
T
A
=125
OC
Supply Voltage (V)
Supply Current vs. Supply Voltage (LM2902Q/AQ)
-40
-25
-10
5
20
35
50
65
80
95
110
125
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VCC=5.0V
VCC=15V
VCC=30V
Quad OPAs
Temperature (
OC)
Supply Current vs. Temperature (LM2902Q/AQ)


Podobny numer części - LM2902QS14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ARTSCHIP ELECTRONICS CO...
LM2902Q ARTSCHIP-LM2902Q Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
logo
STMicroelectronics
LM2902Q4T STMICROELECTRONICS-LM2902Q4T Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
logo
Texas Instruments
LM2902QDREP TI1-LM2902QDREP Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM2902QDREP(2) TI1-LM2902QDREP(2) Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM2902QDRG4Q1 NSC-LM2902QDRG4Q1 Datasheet
850Kb / 15P
   QUADRUPLE OPERATIONAL AMPLIFIER
More results

Podobny opis - LM2902QS14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
   Precision Dual and Quad Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Diodes Incorporated
LM2901Q DIODES-LM2901Q Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com