Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC786820E Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części LC786820E
Szczegółowy opis  Compressed Audio Signal Processor IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786820E Arkusz danych(HTML) 2 Page - ON Semiconductor

  LC786820E Datasheet HTML 1Page - ON Semiconductor LC786820E Datasheet HTML 2Page - ON Semiconductor LC786820E Datasheet HTML 3Page - ON Semiconductor LC786820E Datasheet HTML 4Page - ON Semiconductor LC786820E Datasheet HTML 5Page - ON Semiconductor LC786820E Datasheet HTML 6Page - ON Semiconductor LC786820E Datasheet HTML 7Page - ON Semiconductor LC786820E Datasheet HTML 8Page - ON Semiconductor LC786820E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
LC786820E
www.onsemi.com
2
■ Detail Functions
[ Compressed audio functions ]
<Audio processing block>
 MP3 decode (ISO/IEC 11172-3, ISO/IEC 13818-3)
Supported sampling rate
:
MPEG1-Layer1/2/3 (32kHz, 44.1kHz, 48kHz)
MPEG2-Layer1/2/3 (16kHz, 22.05kHz, 24kHz)
MPEG2.5-Layer3
( 8kHz, 11.025kHz, 12kHz)
Supported bit rate
:
All Bit Rate (Variable Bit Rate support)
MPEG header read supported
 WMA decode (Version 9.2 standard)
Supported sampling rate
:
8kHz, 11.025kHz, 16kHz, 22.05kHz, 32kHz, 44.1kHz, 48kHz
Supported bit rate
:
5kbps to 384kbps (Variable Bit Rate support)
 AAC decode (ISO/IEC 14496-3, ISO/IEC 13818-7)
Profile
:
MPEG4-AAC-LowComplexity
Supported sampling rate
:
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
Supported bit rate
:
Monaural 8kbps to 160kbps (Variable bit rate support)
Stereo
16kbps to 320kbps (Variable bit rate support)
* Depending on the condition, sampling rate can be supported up to 96kHz.
 FLAC decode (FLAC 1.3.0)
Supported format
:
Block size: up to 4608
Quantized number of bits: 8/16/24 bit per sample
Supported sampling rate: 8kHz to 48kHz
Supported channel
:
1/2ch
[ Audio processing functions ]
<Audio data digital processing block>
 Equalizer function
Supports max of 20-band (stereo 1ch) and unused band can be used for not only the voice output but also
used for other processing
 Supports signal processing for subwoofer
 Sampling conversion (Fs=32/44.1/48kHz) when playing compressed audio, High band extended
processing supported
 Mute (
/12dB), attenuator
 De-emphasis filter
 Embedded level/peak hold circuit and can hold up to 8 data
 Noise cancel/Echo cancel function
Supports noise cancel/echo cancel at Fs=8kHz
 Supports input/output of Fs=16kHz voice data
<Audio input processing block>
 Analog Audio data input (3-channels by stereo)
Single Ended input
: 2 channels
Differential input
: 1 channel
Input Gain
:
12.5dB to +18.5dB (1dB step)
24bit accuracy AD converter
 Digital audio input (Stereo input: Max of 3 channels)
Supports digital 3-line (LR clock, bit clock, audio data) connection and clock can be master or slave
Data format supports IIS/MSB first right justified and etc.
Input data can support 8kHz to 96kHz, and by sampling conversion, converts to the suitable Fs
(Playback Fs=32/44.1/48kHz etc.)


Podobny numer części - LC786820E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
More results

Podobny opis - LC786820E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
   AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
   AUDIO SIGNAL PROCESSOR
September 1999
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
   AUDIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com