Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4925BDY-T1-E3 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI4925BDY-T1-E3
Szczegółowy opis  Dual P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4925BDY-T1-E3 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI4925BDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4925BDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4925BDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4925BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4925BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4925BDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si4925BDY
Vishay Siliconix
www.vishay.com
2
Document Number: 72001
S-50366—Rev. C, 28-Feb-05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−1
−3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −30 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −30 V, VGS = 0 V, TJ = 55_C
−25
mA
On-State Drain Currenta
ID(on)
VDS = −5 V, VGS = −10 V
−40
A
Drain Source On State Resistancea
rDS( )
VGS = −10 V, ID = −7.1 A
0.020
0.025
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −4.5 V, ID = −5.5 A
0.033
0.041
W
Forward Transconductancea
gfs
VDS = −10 V, ID = −7.1 A
20
S
Diode Forward Voltagea
VSD
IS = −1.7 A, VGS = 0 V
−0.8
−1.2
V
Dynamicb
Total Gate Charge
Qg
33
50
Gate-Source Charge
Qgs
VDS = −15 V, VGS = −10 V, ID = −7.1 A
5.4
nC
Gate-Drain Charge
Qgd
DS
, GS
, D
8.9
Turn-On Delay Time
td(on)
9
15
Rise Time
tr
VDD = −15 V, RL = 15 W
12
20
Turn-Off Delay Time
td(off)
VDD = −15 V, RL = 15 W
ID ^ −1 A, VGEN = −10 V, RG = 6 W
60
90
ns
Fall Time
tf
34
50
ns
Source-Drain Reverse Recovery Time
trr
IF = −1.7 A, di/dt = 100 A/ms
30
60
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
0
1234
5
0
10
20
30
40
0
1234
5
VGS = 10 thru 5 V
TC = −55_C
125_C
4 V
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
3, 2 V


Podobny numer części - SI4925BDY-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4925BDY VISHAY-SI4925BDY Datasheet
185Kb / 8P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4925BDY VISHAY-SI4925BDY_V01 Datasheet
185Kb / 8P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI4925BDY-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 02-Nov-09
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Jun-05
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com