Zakładka z wyszukiwarką danych komponentów |
|
TC75S54FU Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers |
|
TC75S54FU Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 28 page 127 (DMOS Array Series) Part Number Package Use Structure TB62003F/P SOP20/DIP20 8-bit DMOS driver 8-bit DMOS driver with inverter gate, 35 V / 200 mA TB62004F/P SOP20/DIP20 8-bit DMOS driver 8-bit DMOS driver with non-inverter gate, 35 V / 200 mA TB62006F/P SOP20/DIP20 8-bit DMOS driver 8-bit DMOS driver with NAND gate, 35 V / 200 mA TB62007F/P SOP20/DIP20 8-bit DMOS driver 8-bit DMOS driver with AND gate, 35 V / 200 mA TB62008F/P SOP20/DIP20 8-bit DMOS driver 8-bit DMOS driver with NOR gate, 35 V / 200 mA TB62009F/P SOP20/DIP20 8-bit DMOS driver 8-bit DMOS driver with OR gate, 35 V / 200 mA (Multi-Chip Transistor Array Series) Part Number Device Type Output Breakdown Voltage (V) Output Current (A) Package TD62M4700F 2-ch push-pull driver, low-saturation type 10 ±2.0 SSOP16 TD62M2701F 2-ch push-pull driver, low-saturation type 10 ±2.0 SSOP16 TD62M2702F 2-ch push-pull driver, low-saturation type 10 ±2.0 SSOP16 TD62M3600F 3-ch source driver, low-saturation type 10 −2.0 SSOP10 TD62M3601F 3-ch source driver, low-saturation type 30 −1.5 SSOP10 TD62M3700F 3-ch push-pull driver, low-saturation type 30 ±1.5 SSOP16 TD62M3701F 3-ch push-pull driver, low-saturation type 10 ±2.0 SSOP16 TD62M3702F 3-ch push-pull driver, low-saturation type 15 ±2.0 SSOP16 TD62M3704F 3-ch push-pull driver, low-saturation type 10 −0.4 SSOP16 TD62M4500F 4-ch sink driver, low-saturation type 10 2.0 SSOP16 TD62M4501F 4-ch sink driver, low-saturation type 20 2.0 SSOP16 TD62M4503AFN 4-ch power MOSFET sink driver + diode 60 0.8 SSOP24 (0.65 mm) TD62M4600F 4-ch source driver, low-saturation type 10 −2.0 SSOP16 TD62M4601F 4-ch source driver, low-saturation type 20 −2.0 SSOP16 TD62M8500F 8-ch sink driver, low-saturation type 10 2.0 HSOP16 TD62M8501F 8-ch sink driver, low-saturation type 20 2.0 HSOP16 TD62M8600F 8-ch source driver, low-saturation type 10 −2.0 HSOP16 TD62M8601F 8-ch source driver, low-saturation type 20 −2.0 HSOP16 TD62M8603F 8-ch source driver, low-saturation type 30 −1.5 HSOP16 TD62M8604AF 8-ch source driver, low-saturation type 50 −2.0 HSOP16 |
Podobny numer części - TC75S54FU |
|
Podobny opis - TC75S54FU |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |