Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3V330DBQR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3V330DBQR
Szczegółowy opis  QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3V330DBQR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TS3V330DBQR Datasheet HTML 6Page - Texas Instruments TS3V330DBQR Datasheet HTML 7Page - Texas Instruments TS3V330DBQR Datasheet HTML 8Page - Texas Instruments TS3V330DBQR Datasheet HTML 9Page - Texas Instruments TS3V330DBQR Datasheet HTML 10Page - Texas Instruments TS3V330DBQR Datasheet HTML 11Page - Texas Instruments TS3V330DBQR Datasheet HTML 12Page - Texas Instruments TS3V330DBQR Datasheet HTML 13Page - Texas Instruments TS3V330DBQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TS3V330
QUAD SPDT WIDEBANDWIDTH VIDEO SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS162B – MAY 2004 – REVISED OCTOBER 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Network Analyzer
(HP8753ES)
RL = 150 Ω
EXT TRIGGER
BIAS
P1
P2
DUT
DA
IN
EN
S1A
VEN
VIN
VCC
VBIAS
Figure 7. Test Circuit for Frequency Response (BW)
Frequency response is measured at the output of the ON channel. For example, when VIN = 0, VEN = 0, and DA is
the input, the output is measured at S1A. All unused analog I/O ports are left open.
HP8753ES setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM


Podobny numer części - TS3V330DBQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V330DBQR TI-TS3V330DBQR Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330DBQR TI-TS3V330DBQR Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330DBQRE4 TI-TS3V330DBQRE4 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330DBQRE4 TI-TS3V330DBQRE4 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330DBQRG4 TI-TS3V330DBQRG4 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results

Podobny opis - TS3V330DBQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Texas Instruments
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com