Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5V330DR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5V330DR
Szczegółowy opis  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5V330DR Arkusz danych(HTML) 1 Page - Texas Instruments

  TS5V330DR Datasheet HTML 1Page - Texas Instruments TS5V330DR Datasheet HTML 2Page - Texas Instruments TS5V330DR Datasheet HTML 3Page - Texas Instruments TS5V330DR Datasheet HTML 4Page - Texas Instruments TS5V330DR Datasheet HTML 5Page - Texas Instruments TS5V330DR Datasheet HTML 6Page - Texas Instruments TS5V330DR Datasheet HTML 7Page - Texas Instruments TS5V330DR Datasheet HTML 8Page - Texas Instruments TS5V330DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TS5V330
QUAD SPDT WIDEBANDWIDTH VIDEO SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS164A – MAY 2004 − REVISED MAY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Differential Gain and Phase
(DG = 0.64%, DP = 0.1 Degrees Typ)
D Wide Bandwidth (BW = 300 MHz Min)
D Low Crosstalk (XTALK = −63 dB Typ)
D Low Power Consumption
(ICC = 3 µA Max)
D Bidirectional Data Flow, With Near-Zero
Propagation Delay
D Low ON-State Resistance (ron = 3 Ω Typ)
D VCC Operating Range From 4.5 V to 5.5 V
D Ioff Supports Partial-Power-Down Mode
Operation
D Data and Control Inputs Provide
Undershoot Clamp Diode
D Control Inputs Can Be Driven by TTL or
5-V/3.3-V CMOS Outputs
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D Suitable for Both RGB and
Composite-Video Switching
description/ordering information
The TI TS5V330 video switch is a 4-bit 1-of-2 multiplexer/demultiplexer with a single switch-enable (EN) input.
When EN is low, the switch is enabled and the D port is connected to the S port. When EN is high, the switch
is disabled and the high-impedance state exists between the D and S ports. The select (IN) input controls the
data path of the multiplexer/demultiplexer.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
TS5V330RGYR
TE330
SOIC − D
Tube
TS5V330D
TS5V330
−40
°C to 85°C
SOIC − D
Tape and reel
TS5V330DR
TS5V330
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
TS5V330DBQR
TE330
TSSOP − PW
Tube
TS5V330PW
TE330
TSSOP − PW
Tape and reel
TS5V330PWR
TE330
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DBQ, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
EN
S2D
S2D
DD
S1C
S2C
S1A
S2A
DA
S1B
S2B
DB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN
S1A
S2A
DA
S1B
S2B
DB
GND
VCC
EN
S1D
S2D
DD
S1C
S2C
DC
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Podobny numer części - TS5V330DR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5V330DR TI-TS5V330DR Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330DR TI-TS5V330DR Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330DRE4 TI-TS5V330DRE4 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330DRE4 TI-TS5V330DRE4 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330DRG4 TI-TS5V330DRG4 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results

Podobny opis - TS5V330DR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Texas Instruments
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com