Zakładka z wyszukiwarką danych komponentów |
|
KIA78D35 Arkusz danych(PDF) 1 Page - KEC(Korea Electronics) |
|
KIA78D35 Arkusz danych(HTML) 1 Page - KEC(Korea Electronics) |
1 / 6 page 2015. 5. 13 1/6 SEMICONDUCTOR TECHNICAL DATA KIA78D25F/PI~78D15F/PI BIPOLAR LINEAR INTEGRATED CIRCUIT Revision No : 10 3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR The KIA78D ×× Series are fixed positive output low dropout type, 3-pin voltage regulators with positive outout. These regulators are used to provide a stabilized output voltage from a fluctuating DC input voltage. These are 12 fixed output voltage, as follows ; 2.5V, 3.3V, 3.5V, 5V, 6V, 8V, 9V, 10V, 12V, and 15V. The maximum current capacity is 1A for each of the above voltage. FEATURES ・Built in over voltage protection circuit, over current protection circuit and thermal shut down circuit. ・Richly diverse Lineup. ・Low minimum I/O voltage differential. ・Suffix U : Qualified to AEC-Q100(Grade 3) : Automotive and standard product are electrically and thermally the same, except where specified. ex) KIA78D**F-RTF/PU. LINE UP ITEM OUTPUT VOLTAGE (Typ.) UNIT PACKAGE KIA78D25F/PI 2.5 V F : DPAK PI : TO-220IS KIA78D33F/PI 3.3 KIA78D35F/PI 3.5 KIA78D05F/PI 5 KIA78D06F/PI 6 KIA78D08F/PI 8 KIA78D09F/PI 9 KIA78D10F/PI 10 KIA78D12F/PI 12 KIA78D15F/PI 15 |
Podobny numer części - KIA78D35 |
|
Podobny opis - KIA78D35 |