Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIC6981F-MF Arkusz danych(PDF) 8 Page - KEC(Korea Electronics)

Numer części KIC6981F-MF
Szczegółowy opis  SEMICONDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6981F-MF Arkusz danych(HTML) 8 Page - KEC(Korea Electronics)

  KIC6981F-MF Datasheet HTML 1Page - KEC(Korea Electronics) KIC6981F-MF Datasheet HTML 2Page - KEC(Korea Electronics) KIC6981F-MF Datasheet HTML 3Page - KEC(Korea Electronics) KIC6981F-MF Datasheet HTML 4Page - KEC(Korea Electronics) KIC6981F-MF Datasheet HTML 5Page - KEC(Korea Electronics) KIC6981F-MF Datasheet HTML 6Page - KEC(Korea Electronics) KIC6981F-MF Datasheet HTML 7Page - KEC(Korea Electronics) KIC6981F-MF Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2013. 1. 17
8/8
KIC6981F/MF
Revision No : 1
Applications Information
1. Supply Filtering
A 0.01uF to 0.1
μF bypass capacitor from IN to GND, located near the KIC6981F/MF, is strongly recommended to control
supply transients. Without a bypass capacitor, an output short may cause sufficient ringing on the input (from supply lead
inductance) to damage internal control circuitry. Input transients must not exceed the absolute maximum supply voltage (VIN
max = 6.5V) even for a short duration.
2.EN, the Enable Input
EN must be driven logic high for a clearly defined input. Floating the input may cause unpredictable operation. EN should not
be allowed to go negative with respect to GND.


Podobny numer części - KIC6981F-MF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
More results

Podobny opis - KIC6981F-MF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com