Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KRC163F Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KRC163F
Szczegółowy opis  SEMICONDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC163F Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KRC163F Datasheet HTML 1Page - KEC(Korea Electronics) KRC163F Datasheet HTML 2Page - KEC(Korea Electronics) KRC163F Datasheet HTML 3Page - KEC(Korea Electronics) KRC163F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2008. 11. 20
1/4
SEMICONDUCTOR
TECHNICAL DATA
KRC160F~KRC164F
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No :3
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION.
FEATURES
・With Built-in Bias Resistors.
・Simplify Circuit Design.
・Reduce a Quantity of Parts and Manufacturing Process.
・Thin fine Pitch Small Package.
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25
℃)
MARK SPEC
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
20
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
50
mA
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector Power Dissipation
PC
50
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
TYPE
KRC160F
KRC161F
KRC163F
KRC164F
MARK
FK
FL
FN
FP
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=20V, IE=0
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
100
nA
DC Current Gain
hFE
VCE=5V, IC=1mA
300
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=5mA, IB=0.25mA
-
-
0.15
V
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
1.2
-
pF
Input Resistor
KRC160F
R1
-
3.29
4.7
6.11
k
KRC161F
7
10
13
KRC163F
15.4
22
28.6
KRC164F
32.9
47
61.1


Podobny numer części - KRC163F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KRC101 KEC-KRC101 Datasheet
599Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR
KRC101 KEC-KRC101 Datasheet
665Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC101 KEC-KRC101 Datasheet
401Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR
KRC101M KEC-KRC101M Datasheet
599Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR
KRC101S KEC-KRC101S Datasheet
665Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Podobny opis - KRC163F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com