Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KRC420V Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KRC420V
Szczegółowy opis  SEMICONDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC420V Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KRC420V Datasheet HTML 1Page - KEC(Korea Electronics) KRC420V Datasheet HTML 2Page - KEC(Korea Electronics) KRC420V Datasheet HTML 3Page - KEC(Korea Electronics) KRC420V Datasheet HTML 4Page - KEC(Korea Electronics) KRC420V Datasheet HTML 5Page - KEC(Korea Electronics) KRC420V Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2008. 11. 20
1/6
SEMICONDUCTOR
TECHNICAL DATA
KRC416V~KRC422V
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION
FEATURES
・With Built-in Bias Resistors.
・Simplify Circuit Design.
・Reduce a Quantity of Parts and Manufacturing Process.
DIM
MILLIMETERS
A
B
D
E
VSM
1.2 0.05
0.8 0.05
0.5 0.05
0.3 0.05
1.2 0.05
0.8 0.05
0.40
0.12 0.05
C
G
H
J
K
0.2 0.05
B
E
2
3
1
P
P
P
5
1. EMITTER
2. BASE
3. COLLECTOR
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25
℃)
MARK SPEC
R1
R2
COMMON
OUT
IN
Type Name
Marking
TYPE NO.
R1(k
Ω)
R2(k
Ω)
KRC416V
1
10
KRC417V
2.2
2.2
KRC418V
2.2
10
KRC419V
4.7
10
KRC420V
10
4.7
KRC421V
47
10
KRC422V
100
100
TYPE
KRC416V KRC417V KRC418V KRC419V KRC420V KRC421V
KRC422V
MARK
N2
N4
N5
N6
N7
N8
N9
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
KRC416V~422V
VO
50
V
Input Voltage
KRC416V
VI
10, -5
V
KRC417V
12, -10
KRC418V
12,-5
KRC419V
20, -7
KRC420V
30, -10
KRC421V
40, -15
KRC422V
40, -10
Output Current
KRC416V~422V
IO
100
mA
Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150


Podobny numer części - KRC420V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KRC420 KEC-KRC420 Datasheet
185Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC420E KEC-KRC420E Datasheet
73Kb / 6P
   SEMICONDUCTOR
More results

Podobny opis - KRC420V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com