Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM10N40-1800D Arkusz danych(PDF) 2 Page - Analog Power

Numer części AM10N40-1800D
Szczegółowy opis  N-Channel 400-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGPOWER [Analog Power]
Strona internetowa  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM10N40-1800D Arkusz danych(HTML) 2 Page - Analog Power

  AM10N40-1800D Datasheet HTML 1Page - Analog Power AM10N40-1800D Datasheet HTML 2Page - Analog Power AM10N40-1800D Datasheet HTML 3Page - Analog Power AM10N40-1800D Datasheet HTML 4Page - Analog Power AM10N40-1800D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM10N40-1800D
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 320 V, VGS = 0 V
1
VDS = 320 V, VGS = 0 V, TJ = 55°C
10
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
6
A
Drain-Source On-Resistance
a
rDS(on)
VGS = 10 V, ID = 2 A
1800
Forward Transconductance
a
gfs
VDS = 15 V, ID = 2 A
4
S
Diode Forward Voltage
a
VSD
IS = 2.2 A, VGS = 0 V
0.81
V
Total Gate Charge
Qg
10
Gate-Source Charge
Qgs
2.7
Gate-Drain Charge
Qgd
2.9
Turn-On Delay Time
td(on)
8
Rise Time
tr
5
Turn-Off Delay Time
td(off)
17
Fall Time
tf
5
Input Capacitance
Ciss
511
Output Capacitance
Coss
44
Reverse Transfer Capacitance
Crss
20
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
VDS = 15 V, VGS = 0 V, f = 1 Mhz
nC
VDS = 100 V, RL = 100 Ω,
ID = 2 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 100 V, VGS = 10 V,
ID = 2 A
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
Dynamic
b
ns
© Preliminary
2
Publication Order Number:
DS_AM10N40-1800D_1A


Podobny numer części - AM10N40-1800D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM10N20-400D ANALOGPOWER-AM10N20-400D Datasheet
338Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM10N20-400D VBSEMI-AM10N20-400D Datasheet
1,007Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM10N20-400D DOINGTER-AM10N20-400D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
AM10N20-400D-T1-PF VBSEMI-AM10N20-400D-T1-PF Datasheet
1,007Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
Analog Power
AM10N20-750B ANALOGPOWER-AM10N20-750B Datasheet
331Kb / 5P
   N-Channel 200-V (D-S) MOSFET
More results

Podobny opis - AM10N40-1800D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SI4862DY VISHAY-SI4862DY Datasheet
44Kb / 4P
   N-Channel 16-V (D-S) MOSFET
Rev. B, 14-Apr-03
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com