Zakładka z wyszukiwarką danych komponentów |
|
1N4747 Arkusz danych(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. |
|
1N4747 Arkusz danych(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. |
1 / 3 page Page:P3-P1 Glass-Encapsulate Diodes GUANGDONG HOTTECH INDUSTRIAL CO,. LTD. ZENER DIODES MECHANICAL DATA Cas e:DO-41, glass case Terminals : solderable per MIL-STD-202, method 208 Polarity: cathode band Marking: type number Approx. weight: 0.35 grams ABSOLUTE MAXIMUM RATINGS (TA=25 unless otherwise noted) Parameter Symbol Value Unit Power dissipation @ Tamb 50 PDiss 1.0 1) W Z-current I Z P V/VZ mA Junction temperature TJ 200 Storage temperature range Ts -55---+200 Junction ambient I=9.5mm(3/8 ), T L=constant R ThJA 100 K/W 1)Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature. ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified) Parameter Symbol Min Typ Max Unit Forward voltage at IF=200mA V F 1.2 V 1N4728-1N4764 FEATURES For use in stabilizing and clipping circuits with high power rating.Standard zener voltage tolerance is ±10%. Add suffix "A" for ±5% tolerance. 25.4 Min 25.4 Min 4.2 Max 0.7 Max 2.8 Max DO-41 Dimensions in millimeters |
Podobny numer części - 1N4747 |
|
Podobny opis - 1N4747 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |