Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM90P10-19B Arkusz danych(PDF) 2 Page - Analog Power

Numer części AM90P10-19B
Szczegółowy opis  P-Channel 100-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGPOWER [Analog Power]
Strona internetowa  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90P10-19B Arkusz danych(HTML) 2 Page - Analog Power

  AM90P10-19B Datasheet HTML 1Page - Analog Power AM90P10-19B Datasheet HTML 2Page - Analog Power AM90P10-19B Datasheet HTML 3Page - Analog Power AM90P10-19B Datasheet HTML 4Page - Analog Power AM90P10-19B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM90P10-19B
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = -80 V, VGS = 0 V
-1
VDS = -80 V, VGS = 0 V, TJ = 55°C
-10
On-State Drain Current
a
ID(on)
VDS = -5 V, VGS = -10 V
-110
A
VGS = -10 V, ID = -25 A
19
VGS = -4.5 V, ID = -20 A
21
Forward Transconductance
a
gfs
VDS = -15 V, ID = -25 A
75
S
Diode Forward Voltage
a
VSD
IS = -45 A, VGS = 0 V
-0.95
V
Total Gate Charge
Qg
164
Gate-Source Charge
Qgs
50
Gate-Drain Charge
Qgd
63
Turn-On Delay Time
td(on)
39
Rise Time
tr
104
Turn-Off Delay Time
td(off)
217
Fall Time
tf
89
Input Capacitance
Ciss
15378
Output Capacitance
Coss
774
Reverse Transfer Capacitance
Crss
530
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Dynamic
b
ns
Static
uA
Electrical Characteristics
IDSS
rDS(on)
nC
VDS = -50 V, RL = 2.5 Ω,
ID = -20 A,
VGEN = -10 V, RGEN = 6 Ω
VDS = -50 V, VGS = -4.5 V,
ID = -20 A
Drain-Source On-Resistance
a
Zero Gate Voltage Drain Current
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
VDS = -15 V, VGS = 0 V, f = 1 Mhz
© Preliminary
2
Publication Order Number:
DS_AM90P10-19B_1B


Podobny numer części - AM90P10-19B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM90P10-117P ANALOGPOWER-AM90P10-117P Datasheet
315Kb / 5P
   P-Channel 100-V (D-S) MOSFET
More results

Podobny opis - AM90P10-19B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM10P10-530I ANALOGPOWER-AM10P10-530I Datasheet
318Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
   P-Channel 100 V (D-S) MOSFET
Rev. A, 11-Jul-16
logo
Analog Power
AM20P10-300D ANALOGPOWER-AM20P10-300D Datasheet
315Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
   P-Channel 100-V (D-S) MOSFET
Rev. C, 16-Feb-09
SUP40P10-43 VISHAY-SUP40P10-43 Datasheet
106Kb / 6P
   P-Channel 100-V (D-S) MOSFET
Rev. A, 05-Oct-09
logo
Analog Power
AM2373P ANALOGPOWER-AM2373P Datasheet
301Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7413P ANALOGPOWER-AM7413P Datasheet
409Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM20P10-205D ANALOGPOWER-AM20P10-205D Datasheet
399Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM10P10-530D ANALOGPOWER-AM10P10-530D Datasheet
341Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
   P-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com