Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM130N07-06M3P Arkusz danych(PDF) 2 Page - Analog Power

Numer części AM130N07-06M3P
Szczegółowy opis  N-Channel 70-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGPOWER [Analog Power]
Strona internetowa  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM130N07-06M3P Arkusz danych(HTML) 2 Page - Analog Power

  AM130N07-06M3P Datasheet HTML 1Page - Analog Power AM130N07-06M3P Datasheet HTML 2Page - Analog Power AM130N07-06M3P Datasheet HTML 3Page - Analog Power AM130N07-06M3P Datasheet HTML 4Page - Analog Power AM130N07-06M3P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM130N07-06m3P
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 56 V, VGS = 0 V
1
VDS = 56 V, VGS = 0 V, TJ = 55°C
10
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
50
A
VGS = 10 V, ID = 45 A
6.3
VGS = 4.5 V, ID = 40 A
7.5
Forward Transconductance
a
gfs
VDS = 15 V, ID = 20 A
17
S
Diode Forward Voltage
a
VSD
IS = 65 A, VGS = 0 V
0.93
V
Total Gate Charge
Qg
61
Gate-Source Charge
Qgs
17
Gate-Drain Charge
Qgd
22
Turn-On Delay Time
td(on)
19
Rise Time
tr
16
Turn-Off Delay Time
td(off)
162
Fall Time
tf
47
Input Capacitance
Ciss
7001
Output Capacitance
Coss
398
Reverse Transfer Capacitance
Crss
339
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
nC
VDS = 37.5 V, RL = 1.9 Ω,
ID = 20 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 37.5 V, VGS = 4.5 V,
ID = 20 A
Dynamic
b
ns
Static
uA
Electrical Characteristics
IDSS
rDS(on)
Drain-Source On-Resistance
a
Zero Gate Voltage Drain Current
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
VDS = 15 V, VGS = 0 V, f = 1 Mhz
© Preliminary
2
Publication Order Number:
DS_AM130N07-06m3P_1A


Podobny numer części - AM130N07-06M3P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AM1300F PANASONIC-AM1300F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
logo
Power-One
AM1301-7R POWER-ONE-AM1301-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Panasonic Semiconductor
AM1301F PANASONIC-AM1301F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
AM1303F PANASONIC-AM1303F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
AM1305F PANASONIC-AM1305F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
More results

Podobny opis - AM130N07-06M3P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SIS178LDN VISHAY-SIS178LDN Datasheet
236Kb / 9P
   N-Channel 70 V (D-S) MOSFET
01-Jan-2022
SISS76LDN VISHAY-SISS76LDN Datasheet
309Kb / 9P
   N-Channel 70 V (D-S) MOSFET
01-Jan-2022
SIS176LDN VISHAY-SIS176LDN Datasheet
265Kb / 9P
   N-Channel 70 V (D-S) MOSFET
01-Jan-2022
SISS78LDN VISHAY-SISS78LDN Datasheet
260Kb / 9P
   N-Channel 70 V (D-S) MOSFET
01-Jan-2022
logo
Analog Power
AM7670N ANALOGPOWER-AM7670N Datasheet
460Kb / 5P
   Dual N-Channel 70-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VB2703K VBSEMI-VB2703K Datasheet
756Kb / 7P
   P-Channel 70 V (D-S) MOSFET
VB2703K VBSEMI-VB2703K_V01 Datasheet
752Kb / 7P
   P-Channel 70 V (D-S) MOSFET
logo
Vishay Siliconix
SIZ254DT VISHAY-SIZ254DT Datasheet
341Kb / 14P
   Dual N-Channel 70 V (D-S) MOSFETs
01-Jan-2022
SIZ256DT VISHAY-SIZ256DT Datasheet
359Kb / 14P
   Dual N-Channel 70 V (D-S) MOSFETs
01-Jan-2022
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com