Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5508-BSZ Arkusz danych(PDF) 10 Page - Cirrus Logic

Numer części CS5508-BSZ
Szczegółowy opis  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5508-BSZ Arkusz danych(HTML) 10 Page - Cirrus Logic

Back Button CS5508-BSZ Datasheet HTML 6Page - Cirrus Logic CS5508-BSZ Datasheet HTML 7Page - Cirrus Logic CS5508-BSZ Datasheet HTML 8Page - Cirrus Logic CS5508-BSZ Datasheet HTML 9Page - Cirrus Logic CS5508-BSZ Datasheet HTML 10Page - Cirrus Logic CS5508-BSZ Datasheet HTML 11Page - Cirrus Logic CS5508-BSZ Datasheet HTML 12Page - Cirrus Logic CS5508-BSZ Datasheet HTML 13Page - Cirrus Logic CS5508-BSZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
3.3V SWITCHING CHARACTERISTICS (TA = TMIN to TMAX VA+ = 5V ± 10%; VD+ = 3.3V ±
5%; VA- = -5V
± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF.) (Note 2)
Parameter
Symbol
Min
Typ
Max
Units
SSC Mode (M/SLP = VD+)
Access Time:
CS Low to SDATA out (DRDY = low)
DRDY falling to MSB (CS = low)
tcsd1
tdfd
-
-
-
2/fclk
2/fclk
3/fclk
ns
ns
SDATA Delay Time:
SCLK falling to next SDATA bit
tdd1
-
265
400
ns
SCLK Delay Time
SDATA MSB bit to SCLK rising
tcd1
-1/fclk
-ns
Serial Clock (Out)
Pulse Width High
Pulse Width Low
tph1
tpl1
-
-
1/fclk
1/fclk
-
-
ns
ns
Output Float Delay:
CS high to output Hi-Z (Note 16)
SCLK rising to SDATA Hi-Z
tfd1
tfd2
-
-
-
1/fclk
2/fclk
-
ns
ns
SEC Mode (M/SLP = DGND)
Serial Clock (In)
fsclk
0
-
1.25
MHz
Serial Clock (In)
Pulse Width High
Pulse Width Low
tph2
tpl2
200
200
-
-
-
-
ns
ns
Access Time:
CS Low to data valid (Note 17)
tcsd2
-
100
200
ns
Maximum Delay time:
(Note 18)
SCLK falling to new SDATA bit
tdd2
-
400
600
ns
Output Float Delay:
CS high to output Hi-Z (Note 16)
SCLK falling to SDATA Hi-Z
tfd3
tfd4
-
-
70
320
150
500
ns
ns
CS5505/6/7/8
10
DS59F4
CS5505/6/7/8
10
DS59F5


Podobny numer części - CS5508-BSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5508-BSZ CIRRUS-CS5508-BSZ Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5508-BSZ CIRRUS-CS5508-BSZ Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
More results

Podobny opis - CS5508-BSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5516 CIRRUS-CS5516 Datasheet
923Kb / 41P
   16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
logo
Rohm
BU7858KN ROHM-BU7858KN_07 Datasheet
1Mb / 25P
   Mixer & Selector With 16bit D/A Converters
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
logo
API Technologies Corp
MN5250 APITECH-MN5250 Datasheet
854Kb / 4P
   Low-Power CMOS, 12-bit A/D Converters
logo
DATEL, Inc.
DAC-1412 DATEL-DAC-1412 Datasheet
438Kb / 6P
   14-Bit, 125MSPS, Low-Power D/A Converters
DAC-0812 DATEL-DAC-0812 Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
DAC-1212 DATEL-DAC-1212 Datasheet
525Kb / 7P
   12-Bit, 125MSPS, Low-Power D/A Converters
DAC-1225 DATEL-DAC-1225 Datasheet
435Kb / 6P
   12-Bit, 250MSPS, Low-Power D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com