Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS51412EMNR2G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części CS51412EMNR2G
Szczegółowy opis  Low Voltage Buck Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51412EMNR2G Arkusz danych(HTML) 1 Page - ON Semiconductor

  CS51412EMNR2G Datasheet HTML 1Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 2Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 3Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 4Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 5Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 6Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 7Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 8Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 21
1
Publication Order Number:
CS51411/D
CS51411, CS51412,
CS51413, CS51414
1.5 A, 260 kHz and 520 kHz,
Low Voltage Buck
Regulators with External
Bias or Synchronization
Capability
The CS5141X products are 1.5 A buck regulator ICs. These devices
are fixed−frequency operating at 260 kHz and 520 kHz. The regulators
use the V2
™ control architecture to provide unmatched transient
response, the best overall regulation and the simplest loop
compensation for today’s high−speed logic. These products
accommodate input voltages from 4.5 V to 40 V.
The CS51411 and CS51413 contain synchronization circuitry. The
CS51412 and CS51414 have the option of powering the controller
from an external 3.3 V to 6.0 V supply in order to improve efficiency,
especially in high input voltage, light load conditions.
The on−chip NPN transistor is capable of providing a minimum of
1.5 A of output current, and is biased by an external “boost” capacitor
to ensure saturation, thus minimizing on−chip power dissipation.
Protection circuitry includes thermal shutdown, cycle−by−cycle
current limiting and frequency foldback. The CS51411 and CS51413
are functionally pin−compatible with the LT1375. The CS51412 and
CS51414 are functionally pin−compatible with the LT1376.
Features
V2 Architecture Provides Ultrafast Transient Response, Improved
Regulation and Simplified Design
2.0% Error Amp Reference Voltage Tolerance
Switch Frequency Decrease of 4:1 in Short Circuit Conditions
Reduces Short Circuit Power Dissipation
BOOST Pin Allows “Bootstrapped” Operation to Maximize
Efficiency
Sync Function for Parallel Supply Operation or Noise Minimization
Shutdown Lead Provides Power−Down Option
85 mA Quiescent Current During Power−Down
Thermal Shutdown
Soft−Start
Pin−Compatible with LT1375 and LT1376
These Devices are Pb−Free and are RoHS Compliant
5141x = Device Code
x = 1, 2, 3 or 4
A
= Assembly Location
L, WL = Wafer Lot
Y, YY = Year
W, WW = Work Week
y = E or G
G
=Pb−Free Package
SOIC−8
D SUFFIX
CASE 751
1
8
MARKING DIAGRAMS
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
http://onsemi.com
5141x
ALYWy
G
1
8
1
18
18−LEAD DFN
MN SUFFIX
CASE 505
CS5141xy
AWLYYWW G
G
118


Podobny numer części - CS51412EMNR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS51412EMNR2G ONSEMI-CS51412EMNR2G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51412EMNR2G ONSEMI-CS51412EMNR2G Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results

Podobny opis - CS51412EMNR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV97310 ONSEMI-NCV97310 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 4
NCV97311 ONSEMI-NCV97311 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 2
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com