Zakładka z wyszukiwarką danych komponentów |
|
MC78M20CTG Arkusz danych(PDF) 3 Page - ON Semiconductor |
|
MC78M20CTG Arkusz danych(HTML) 3 Page - ON Semiconductor |
3 / 15 page MC78M00, MC78M00A, NCV78M00 Series www.onsemi.com 3 MC78M06C/B ELECTRICAL CHARACTERISTICS (VI = 11 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5.0 W, unless otherwise noted) (Note 3) Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = 25°C) VO 5.75 6.0 6.25 Vdc Output Voltage Variation (8.0 Vdc ≤ VI ≤ 21 Vdc, 5.0 mA ≤ IO ≤ 350 mA) VO 5.7 − 6.3 Vdc Line Regulation (TJ = 25°C, 8.0 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA) Regline − 5.0 50 mV Load Regulation (TJ = 25°C, 5.0 mA ≤ IO ≤ 500 Ma) (TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA) Regload − − 20 10 120 60 mV Input Bias Current (TJ = 25°C) IIB − 3.2 6.0 mA Quiescent Current Change (9.0 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA) (5.0 mA ≤ IO ≤ 350 mA) DIIB − − − − 0.8 0.5 mA Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 45 − mV Ripple Rejection (IO = 100 mA, f = 120 Hz, 9.0 V ≤ VI ≤ 19 V) (IO = 300 mA, f = 120 Hz, 9.0 V ≤ VI ≤ 19 V, TJ = 25°C) RR 59 59 − 80 − − dB Dropout Voltage (TJ = 25°C) VI − VO − 2.0 − Vdc Short Circuit Current Limit (TJ = 25°C, VI = 35 V) IOS − 350 − mA Average Temperature Coefficient of Output Voltage (IO = 5.0 mA) DVO/DT − ±0.2 − mV/ °C Peak Output Current (TJ = 25°C) IO − 700 − mA MC78M08C/AC/B/AB, NCV78M08B ELECTRICAL CHARACTERISTICS (VI = 14 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5 W, unless otherwise noted) (Note 3) Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = 25°C) MC78M08B/MC78M08C/NCV78M08B MC78M08AB/MC78M08AC VO 7.70 7.84 8.0 8.0 8.30 8.16 Vdc Output Voltage Variation (10.5 Vdc ≤ VI ≤ 23 Vdc, 5.0 mA ≤ IO ≤ 350 mA) MC78M08B/MC78M08C/NCV78M08B MC78M08AB/MC78M08AC VO 7.6 7.7 − − 8.4 8.3 Vdc Line Regulation (TJ = 25°C, 10.5 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA) Regline − 6.0 50 mV Load Regulation (TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA) (TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA) Regload − − 25 10 160 80 mV Input Bias Current (TJ = 25°C) IIB − 3.2 6.0 mA Quiescent Current Change (10.5 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA) (5.0 mA ≤ IO ≤ 350 mA) DIIB − − − − 0.8 0.5 mA Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 52 − mV Ripple Rejection (IO = 100 mA, f = 120 Hz, 11.5 V ≤VI ≤ 21.5 V) (IO = 300 mA, f = 120 Hz, 11.5 V ≤VI ≤ 21.5 V, TJ = 25°C) RR 56 56 − 80 − − dB Dropout Voltage (TJ = 25°C) VI−VO − 2.0 − Vdc Short Circuit Current Limit (TJ = 25°C, VI = 35 V) IOS − 350 − mA Average Temperature Coefficient of Output Voltage (IO = 5.0 mA) DVO/DT − ±0.2 − mV/ °C Peak Output Current (TJ = 25°C) IO − 700 − mA 3. Tlow =0°C for MC78MxxAC, C = −40 °C for MC78MxxAB, B, NCV78MxxAB, B Thigh = +125°C for MC78MxxAB, AC, B, C, NCV78MxxAB, B |
Podobny numer części - MC78M20CTG |
|
Podobny opis - MC78M20CTG |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |