Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5068MPX Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FAN5068MPX
Szczegółowy opis  DDR-1/DDR-2 plus ACPI Regulator Combo
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5068MPX Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FAN5068MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5068MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5068MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5068MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5068MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5068MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5068MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5068MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5068MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
FAN5068
PRODUCT SPECIFICATION
REV. 1.0.1 9/9/04
5
8
BOOT
Boot. Positive supply for the upper MOSFET driver. Connect as shown in Figure 1. IC
contains a boot diode to VCC.
9
HDRV
High-Side Drive. High-side (upper) MOSFET driver output. Connect to gate of high-side
MOSFET.
10
SW
Switching Node. Return for the high-side MOSFET driver and a current sense input.
Connect to source of high-side MOSFET and low-side MOSFET drain.
11
ISNS
Current Sense Input. Monitors the voltage drop across the lower MOSFET or external
sense resistor for current feedback.
12
LDRV
Low-Side Drive. The low-side (lower) MOSFET driver output. Connect to gate of low-side
MOSFET.
13
PGOOD
Power Good Flag. An open-drain output that will pull LOW when FB is outside of a ±10%
range of the 0.9V reference and the LDO outputs are > 80% or < 110% of its reference.
PGOOD goes low when S3 is high. The power good signal from the PWM regulator enables
the VTT regulator and the LDO controller.
14
VCC
VCC. The IC takes its bias power from this pin. Also used for gate drive power. The IC is held
in standby until this pin is above 4.35V (UVLO threshold).
15
3.3 ALW
3.3V LDO Output. Internal LDO output. Turned off in S0, on in S5 or S3 modes.
16
S3#O
S3# Output. Open-drain output which pulls the gates of two N-Channel blocking MOSFETs
low in S5 and S3. This pin goes high (open) in S0 mode.
17
S3#I
S3 Input. When LOW, turns off the VTT and 1.2V LDO regulators and turns on the 3.3V
regulator. Also causes S3#O to pull low to turn off blocking switch Q3 as shown in Figure 1.
PGOOD is low when S3#I is LOW.
18
EN
ENABLE. Typically tied to S5#. When this pin is low, the IC is in a low quiescent current
state, all regulators are off and S3#O is low.
19
GND
GROUND for the IC are tied to this pin and also connected to P1.
20
ILIM
Current Limit. A resistor from this pin to GND sets the current limit.
21
SS
Soft Start. A capacitor from this pin to GND programs the slew rate of the converter during
initialization as well as sets the initial slew rate of the LDO controllers when transitioning from
S3 to S0. This pin is charged/discharged with a 5µA current source during initialization, and
charged with 50µA during PWM soft-start.
22
COMP
Output of the PWM error amplifier. Connect compensation network between this pin and
FB.
23
FB
VDDQ Feedback. The feedback from PWM output. Used for regulation as well as PGOOD,
under-voltage, and over-voltage protection and monitoring.
24
REF IN
VTT Reference. Input which provides the reference for the VTT regulator. A precision
internal divider from VDDQ IN is provided.
Pin Definitions (continued)
Pin #
Pin Name
Pin Function Description


Podobny numer części - FAN5068MPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5068ACPI FAIRCHILD-FAN5068ACPI Datasheet
70Kb / 4P
   FAN5068 Component calculation and simulation tools
FAN5068DDR FAIRCHILD-FAN5068DDR Datasheet
70Kb / 4P
   FAN5068 Component calculation and simulation tools
More results

Podobny opis - FAN5068MPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
logo
Intersil Corporation
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com