Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD101CWS Arkusz danych(PDF) 3 Page - SUNMATE electronic Co., LTD

Numer części SD101CWS
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SD101CWS Arkusz danych(HTML) 3 Page - SUNMATE electronic Co., LTD

  SD101CWS Datasheet HTML 1Page - SUNMATE electronic Co., LTD SD101CWS Datasheet HTML 2Page - SUNMATE electronic Co., LTD SD101CWS Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
RATINGS AND CHARACTERISTIC CURVES SD101AWS-SD101CWS
0
0.2
0.4
0.6
0.8
1.0
VR REVERSE VOLTAGE.(V)
FIG. 2-TYPICAL FORWARD CHARACTERISTIC
FIG. 1- POWER DERATING CURVE
10
1.0
0.1
0.01
0
10
20
30
40
50
60
10
1
0.1
0.01
0.001
0.0001
TA,AMBIENT TEMPERATURE( C)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
VR REVERSE VOLTAGE.(V)
FIG.3- TYPICAL TOTAL CAPACITANCE
VS REVERSE VOLTAGE
VR REVERSE VOLTAGE.(V)
500
400
300
200
100
0
0
25
50
75
100
125
150
See Note1
A
B
C
2
1
0
0
10
20
30
40
50
C
B
A
TA=125 C
TA=75 C
TA=25 C
TA=0 C
TA=-65 C
Tj=25
C
f=1MHz
www.sunmate.tw


Podobny numer części - SD101CWS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
SD101CWS DIODES-SD101CWS Datasheet
60Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 4 - 2
SD101CWS DIODES-SD101CWS Datasheet
81Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 11 - 2
logo
Shanghai Shunye Electro...
SD101CWS SHUNYE-SD101CWS Datasheet
892Kb / 2P
   SCHOTTKY DIODES
logo
Diodes Incorporated
SD101CWS DIODES-SD101CWS Datasheet
74Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 8 - 2
logo
Pan Jit International I...
SD101CWS PANJIT-SD101CWS Datasheet
76Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Podobny opis - SD101CWS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com