Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD29150V15 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części LD29150V15
Szczegółowy opis  1.5A, VERY LOW DROP VOLTAGE REGULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29150V15 Arkusz danych(HTML) 1 Page - STMicroelectronics

  LD29150V15 Datasheet HTML 1Page - STMicroelectronics LD29150V15 Datasheet HTML 2Page - STMicroelectronics LD29150V15 Datasheet HTML 3Page - STMicroelectronics LD29150V15 Datasheet HTML 4Page - STMicroelectronics LD29150V15 Datasheet HTML 5Page - STMicroelectronics LD29150V15 Datasheet HTML 6Page - STMicroelectronics LD29150V15 Datasheet HTML 7Page - STMicroelectronics LD29150V15 Datasheet HTML 8Page - STMicroelectronics LD29150V15 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
November 2004
s
VERY LOW DROPOUT VOLTAGE (TYP. 0.4
AT 1.5A)
s
GUARANTEED OUTPUT CURRENT UP TO
1.5A
s
FIXED AND ADJUSTABLE OUTPUT
VOLTAGE (
±1% AT 25°C)
s
INTERNAL CURRENT AND THERMAL LIMIT
s
LOGIC CONTROLLED ELECTRONIC
SHUTDOWN AVAILABLE IN PPAK
DESCRIPTION
The LD29150 is a high current, high accuracy,
low-dropout
voltage
regulator
series.
These
regulators feature 400mV dropout voltage and
very low ground current. Designed for high current
loads, these devices are also used in lower
current, extremely low dropout-critical systems,
where their tiny dropout voltage and ground
current values are important attributes. Typical
applications are in Power supply switching post
regulation, Series power supply for monitors,
Series power supply for VCRs and TVs, Computer
Systems and Battery powered systems.
LD29150
SERIES
1.5A, VERY LOW DROP VOLTAGE REGULATORS
Figure 1: Schematic Diagram For Adjustable Version
TO-220
DPAK
PPAK
TO-220FP
Rev. 7


Podobny numer części - LD29150V15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150DT25R STMICROELECTRONICS-LD29150DT25R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150DT33R STMICROELECTRONICS-LD29150DT33R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150DT50R STMICROELECTRONICS-LD29150DT50R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150P2T33R STMICROELECTRONICS-LD29150P2T33R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
More results

Podobny opis - LD29150V15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
M29150A UTC-M29150A Datasheet
413Kb / 9P
   1.5A, VERY LOW DROP 1.5A, VERY LOW DROP
logo
STMicroelectronics
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
   VERY LOW DROP VOLTAGE REGULATORS
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
   3A, Very low drop voltage regulators
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com