Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1030QI Arkusz danych(PDF) 4 Page - Altera Corporation

Numer części ES1030QI
Szczegółowy opis  Power Rail Sequencer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALTERA [Altera Corporation]
Strona internetowa  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1030QI Arkusz danych(HTML) 4 Page - Altera Corporation

  ES1030QI Datasheet HTML 1Page - Altera Corporation ES1030QI Datasheet HTML 2Page - Altera Corporation ES1030QI Datasheet HTML 3Page - Altera Corporation ES1030QI Datasheet HTML 4Page - Altera Corporation ES1030QI Datasheet HTML 5Page - Altera Corporation ES1030QI Datasheet HTML 6Page - Altera Corporation ES1030QI Datasheet HTML 7Page - Altera Corporation ES1030QI Datasheet HTML 8Page - Altera Corporation ES1030QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ES1030QI
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Low-level output
current
1
IOL
Push pull,
VOL =0.15V, at VDD=1.8 V
1.18
1.66
mA
Open drain,
VOL =0.15V, at VDD=1.8 V
2.88
4.08
Push pull,
VOL =0.4V, at VDD=3.3 V
5.06
7.80
Open drain,
VOL =0.4V, at VDD=3.3 V
12.0
18.9
Push pull,
VOL =0.4V, at VDD=5.0 V
6.78
10.4
Open drain,
VOL =0.4V, at VDD=5.0 V
15.6
25.0
Internal pull up
resistance
RPULL_UP
Pull up on PINs 6, 7, 12, 13
85
106
127
kΩ
Pull up on PINs 3, 20
869
1060
1275
REF_O output
voltage
Vref
(R1+R2)>100k
1050
mV
Delay,
ACTRL/REF_O =
0
TDelay0
Ta = 25 C
(R1+R2)>100k
0.0288
0.033
0.0368
ms
-40°C to +85°C
(R1+R2)>100k
0.0283
0.0373
Delay, ACTRL/
REF_O = 0.5
TDelay0.5
Ta = 25 C
(R1+R2)>100k
3.36
3.85
4.32
ms
-40°C to +85°C
(R1+R2)>100k
3.36
4.39
Delay, ACTRL/
REF_O = 1
TDelay1.0
Ta = 25 C
(R1+R2)>100k
7.04
8.04
9.06
ms
-40°C to +85°C
(R1+R2)>100k
7.03
9.19
Start-up time
TSU
From VDD rising past 1.6V to first
transition on OE1
--
2.0
2.5
ms
4
www.altera.com/enpirion


Podobny numer części - ES1030QI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Japan Aviation Electron...
ES10 JAE-ES10 Datasheet
290Kb / 5P
   Just need to insert the stripped wire into the connector for connection.
logo
Bruckewell Technology L...
ES1000FL BWTECH-ES1000FL Datasheet
630Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Zibo Seno Electronic En...
ES1000FL ZSELEC-ES1000FL Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
DAESAN ELECTRONIC CORP.
ES1000FL DAESAN-ES1000FL Datasheet
385Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Power-One
ES1001-7R POWER-ONE-ES1001-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
More results

Podobny opis - ES1030QI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UCD90160 TI1-UCD90160_15 Datasheet
2Mb / 52P
[Old version datasheet]   16-Rail Power Supply Sequencer
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
UCD90240 TI1-UCD90240 Datasheet
1Mb / 49P
[Old version datasheet]   UCD90240 24-Rail PMBus Power Sequencer and System Manager
UCD90320 TI1-UCD90320 Datasheet
375Kb / 14P
[Old version datasheet]   UCD90320 32-Rail PMBus??Power Sequencer and System Manager
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com