Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS82582TT19 Arkusz danych(PDF) 5 Page - GSI Technology

Numer części GS82582TT19
Szczegółowy opis  288Mb SigmaDDR-IITM Burst of 2 SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582TT19 Arkusz danych(HTML) 5 Page - GSI Technology

  GS82582TT19 Datasheet HTML 1Page - GSI Technology GS82582TT19 Datasheet HTML 2Page - GSI Technology GS82582TT19 Datasheet HTML 3Page - GSI Technology GS82582TT19 Datasheet HTML 4Page - GSI Technology GS82582TT19 Datasheet HTML 5Page - GSI Technology GS82582TT19 Datasheet HTML 6Page - GSI Technology GS82582TT19 Datasheet HTML 7Page - GSI Technology GS82582TT19 Datasheet HTML 8Page - GSI Technology GS82582TT19 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
GS82582TT19/37GE-450/400/375/333
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 4/2016
5/26
© 2012, GSI Technology
Background
Common I/O SRAMs, from a system architecture point of view, are attractive in read dominated or block transfer applications.
Therefore, the SigmaDDR-II+ SRAM interface and truth table are optimized for burst reads and writes. Common I/O SRAMs are
unpopular in applications where alternating reads and writes are needed because bus turnaround delays can cut high speed
Common I/O SRAM data bandwidth in half.
Burst Operations
Read and write operations are "Burst" operations. In every case where a read or write command is accepted by the SRAM, it will
respond by issuing or accepting two beats of data, executing a data transfer on subsequent rising edges of K and K, as illustrated in
the timing diagrams.This means that it is possible to load new addresses every K clock cycle. Addresses can be loaded less often, if
intervening deselect cycles are inserted.
Deselect Cycles
Chip Deselect commands are pipelined to the same degree as read commands. This means that if a deselect command is applied to
the SRAM on the next cycle after a read command captured by the SRAM, the device will complete the two beat read data transfer
and then execute the deselect command, returning the output drivers to High-Z. A high on the LD pin prevents the RAM from
loading read or write command inputs and puts the RAM into deselect mode as soon as it completes all outstanding burst transfer
operations.
SigmaDDR-II+ Burst of 2 SRAM Read Cycles
The SRAM executes pipelined reads. The status of the Address, LD and R/W pins are evaluated on the rising edge of K. The read
command (LD low and R/W high) is clocked into the SRAM by a rising edge of K.
SigmaDDR-II+ Burst of 2 SRAM Write Cycles
The status of the Address, LD and R/W pins are evaluated on the rising edge of K. The SRAM executes "late write" data transfers.
Data in is due at the device inputs on the rising edge of K following the rising edge of K clock used to clock in the write command
(LD and R/W low) and the write address. To complete the remaining beat of the burst of two write transfer, the SRAM captures
data in on the next rising edge of K, for a total of two transfers per address load.
Special Functions
Byte Write Control
Byte Write Enable pins are sampled at the same time that Data In is sampled. A high on the Byte Write Enable pin associated with
a particular byte (e.g., BW0 controls D0–D8 inputs) will inhibit the storage of that particular byte, leaving whatever data may be
stored at the current address at that byte location undisturbed. Any or all of the Byte Write Enable pins may be driven High or Low
during the data in sample times in a write sequence.
Each write enable command and write address loaded into the RAM provides the base address for a 2-beat data transfer. The x18
version of the RAM, for example, may write 36 bits in association with each address loaded. Any 9-bit byte may be masked in any
write sequence.


Podobny numer części - GS82582TT19

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS82582TT20 GSI-GS82582TT20 Datasheet
438Kb / 24P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
More results

Podobny opis - GS82582TT19

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS82582TT20 GSI-GS82582TT20 Datasheet
438Kb / 24P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582T20 GSI-GS82582T20 Datasheet
444Kb / 26P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582T19 GSI-GS82582T19 Datasheet
477Kb / 27P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS8182T19 GSI-GS8182T19 Datasheet
342Kb / 27P
   18Mb SigmaDDR-IITM Burst of 2 SRAM
GS8342TT37BGD-450I GSI-GS8342TT37BGD-450I Datasheet
363Kb / 31P
   36Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582Q19GE-400 GSI-GS82582Q19GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-300 GSI-GS82582Q37GE-300 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT19GE-400I GSI-GS82582QT19GE-400I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-400I GSI-GS82582Q19GE-400I Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-400 GSI-GS82582Q37GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com