Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBG60A Arkusz danych(PDF) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Numer części SMBG60A
Szczegółowy opis  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Strona internetowa  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

SMBG60A Arkusz danych(HTML) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  SMBG60A Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SMBG60A Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SMBG60A Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SMBG60A Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
Breakdown
Maximum
Maximum
Device
Voltage
Reverse
Peak Pulse
Maximum
Device Type
Device Type
Marking
V(BR) (Volts)
Test
Stand-off
Leakage ID
Surge
Clamping
Gull Wing
Modified
Code
(NOTE 1)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
Lead
“J” Bend Lead
UNI
BI
(Min /Max)
at IT (mA)
VWM (Volts)
(
µA)(NOTE 3) (NOTE 2) (Amps)
VC (Volts)
SMBG54
SMBJ54
ND
60.0 / 73.3
1.0
54
5.0
6.2
96.3
SMBG54A
SMBJ54A
NE
60.0 / 66.3
1.0
54
5.0
6.9
87.1
SMBG58
SMBJ58
NF
64.4 / 78.7
1.0
58
5.0
5.8
103
SMBG58A
SMBJ58A
NG
64.4 / 71.2
1.0
58
5.0
6.4
93.6
SMBG60
SMBJ60
NH
66.7 / 81.5
1.0
60
5.0
5.6
107
SMBG60A
SMBJ60A
NK
66.7 / 73.7
1.0
60
5.0
6.2
96.8
SMBG64
SMBJ64
NL
71.1 / 86.9
1.0
64
5.0
5.3
114
SMBG64A
SMBJ64A
NM
71.1 / 78.6
1.0
64
5.0
5.8
103
SMBG70
SMBJ70
NN
77.8 / 95.1
1.0
70
5.0
4.8
125
SMBG70A
SMBJ70A
NP
77.8 / 86.0
1.0
70
5.0
5.3
113
SMBG75
SMBJ75
NQ
83.3 / 102
1.0
75
5.0
4.5
134
SMBG75A
SMBJ75A
NR
83.3 / 92.1
1.0
75
5.0
5.0
121
SMBG78
SMBJ78
NS
86.7 / 106
1.0
78
5.0
4.3
139
SMBG78A
SMBJ78A
NT
86.7 / 95.8
1.0
78
5.0
4.8
126
SMBG85
SMBJ85
NU
94.4 / 115
1.0
85
5.0
4.0
151
SMBG85A
SMBJ85A
NV
94.4 / 104
1.0
85
5.0
4.4
137
SMBG90
SMBJ90
NW
100 / 122
1.0
90
5.0
3.8
160
SMBG90A
SMBJ90A
NX
100 / 111
1.0
90
6.0
4.1
146
SMBG100
SMBJ100
NY
111 / 136
1.0
100
5.0
3.4
179
SMBG100A
SMBJ100A
NZ
111 / 123
1.0
100
5.0
3.7
162
SMBG110
SMBJ110
PD
122 / 149
1.0
110
5.0
3.1
196
SMBG110A
SMBJ110A
PE
122 / 135
1.0
110
5.0
3.4
177
SMBG120
SMBJ120
PF
133 / 163
1.0
120
5.0
2.8
214
SMBG120A
SMBJ120A
PG
133 / 147
1.0
120
5.0
3.1
193
SMBG130
SMBJ130
PH
144 / 176
1.0
130
5.0
2.6
231
SMBG130A
SMBJ130A
PK
144 / 159
1.0
130
5.0
2.9
209
SMBG150
SMBJ150
PL
167 / 204
1.0
150
5.0
2.2
268
SMBG150A
SMBJ150A
PM
167 / 185
1.0
150
5.0
2.5
243
SMBG160
SMBJ160
PN
178 / 218
1.0
160
5.0
2.1
287
SMBG160A
SMBJ160A
PP
178 / 197
1.0
160
5.0
2.3
259
SMBG170
SMBJ170
PQ
189 / 231
1.0
170
5.0
2.0
304
SMBG170A
SMBJ170A
PR
189 / 209
1.0
170
5.0
2.2
275
NOTES:
(1) V(BR) measured after IT applied for 300
µs square wave pulse or equivalent
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) For bi-directional types having VWM of 10 Volts and less, the ID limit is doubled
(4) For the bi-directional SMBG/SMBJ5.0CA, the maximum V(BR) is 7.25 Volts
(5) All terms and symbols are consistent with ANSI/IEEE C62.35
ND
NE
NF
NG
NH
NK
NL
NM
NN
NP
NQ
NR
NS
NT
NU
NV
NW
NX
NY
NZ
PD
PE
PF
PG
PH
PK
PL
PM
PN
PP
PQ
PR
SMBJ5.0 -SMBJ170CA


Podobny numer części - SMBG60A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
SMBG60A GE-SMBG60A Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG60A MICROSEMI-SMBG60A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG60A MICROSEMI-SMBG60A Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG60A MICROSEMI-SMBG60A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMBG60A VISHAY-SMBG60A Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

Podobny opis - SMBG60A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com