Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC808 Arkusz danych(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Numer części BC808
Szczegółowy opis  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Strona internetowa  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

BC808 Arkusz danych(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  BC808 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. BC808 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Suitable for AF-Driver stages and low power output stages
Complement to BC818
BC808-16
BC808-25
BC808-40
5E
5F
5G
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-30
V
DCollector-Emitter Voltage
V
CEO
-25
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
800
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=-100μA, IE=0
-30
V
Collector-emitter breakdown voltage
VCEO
IC=-10mA, IB=0
-25
V
Emitter-base breakdown voltage
VEBO
IE=-100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-25V, IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-4V, IC=0
-0.1
μA
DC current gain
hFE(1)
VCE=-1V, IC=-100mA
100
630
hFE(2)
VCE=-1V, IC=-300mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-0.7
V
Base-emitter voltage
VBE
VCE=-1V, IC=-300mA
-1.2
V
Transition frequency
fT
VCE=-5V, IC=-10mA, f=50MHz
100
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
12
pF
CLASSIFICATION OF
hFE
Rank
5E
5F
5G
Range
100-250
160-400
250-630
(PNP)
(PNP)
(PNP)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
BC808-16
BC808-25
BC808-40


Podobny numer części - BC808

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BC808 FAIRCHILD-BC808 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
logo
Infineon Technologies A...
BC808 INFINEON-BC808 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
logo
Jiangsu Changjiang Elec...
BC808 JIANGSU-BC808 Datasheet
588Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
logo
General Semiconductor
BC808 GE-BC808 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
More results

Podobny opis - BC808

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com