Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1036 Arkusz danych(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Numer części 2SA1036
Szczegółowy opis  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Strona internetowa  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

2SA1036 Arkusz danych(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  2SA1036 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 2SA1036 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Large IC. ICMax.= -500 mA
Low VCE(sat). Ideal for low-voltage operation.
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-40
V
Collector-Emitter Voltage
V
CEO
-32
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
-500
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=-100μA,IE=0
-40
V
Collector-emitter breakdown voltage
VCEO
IC=-1mA,IB=0
-32
V
Emitter-base breakdown voltage
VEBO
IE=-100μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-20V,IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-4V,IC=0
-1
μA
DC current gain
hFE
VCE=-3V,IC=-10mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-10mA
-0.4
V
Transition frequency
fT
VCE=-5V,IC=-20mA,f=100MHz
200
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
7
pF
CLASSIFICATION OF
hFE
Marking
HP
HQ
HR
Range
82-180
120-270
180-390
2SA1036(PNP)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO


Podobny numer części - 2SA1036

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
2SA1036 BILIN-2SA1036 Datasheet
228Kb / 4P
   Silicon Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
2SA1036 SECOS-2SA1036 Datasheet
235Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1036 SECOS-2SA1036 Datasheet
700Kb / 2P
   PNP Silicon General Purpose Transistor
logo
Shenzhen Jin Yu Semicon...
2SA1036 HTSEMI-2SA1036 Datasheet
369Kb / 2P
   TRANSISTOR(PNP)
logo
Nanjing International G...
2SA1036 DGNJDZ-2SA1036 Datasheet
2Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
More results

Podobny opis - 2SA1036

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com