Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CB3Q6800DBQR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CB3Q6800DBQR
Szczegółowy opis  10 BIT FET BUS SWITCH WITH PRECHAGED OUTPUTS 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q6800DBQR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SN74CB3Q6800DBQR Datasheet HTML 3Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 4Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 5Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 6Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 7Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 8Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 9Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 10Page - Texas Instruments SN74CB3Q6800DBQR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Podobny numer części - SN74CB3Q6800DBQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CB3Q6800DBQR TI1-SN74CB3Q6800DBQR Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results

Podobny opis - SN74CB3Q6800DBQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CB3Q3345 TI-SN74CB3Q3345 Datasheet
225Kb / 11P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Integrated Device Techn...
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
logo
Texas Instruments
SN74CB3Q3244 TI-SN74CB3Q3244 Datasheet
559Kb / 17P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3 V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q16211 TI-SN74CB3Q16211 Datasheet
274Kb / 12P
[Old version datasheet]   24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
logo
Integrated Device Techn...
IDTQS32XVH245 IDT-IDTQS32XVH245 Datasheet
83Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
   2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
   2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245_14 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com