Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7WZ34FK Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TC7WZ34FK
Szczegółowy opis  Triple Non Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ34FK Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TC7WZ34FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ34FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ34FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ34FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ34FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ34FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ34FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7WZ34FU/FK
2002-01-16
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= -40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.65~
1.95
0.75
´ VCC
¾
¾
0.75
´ VCC
¾
High level
VIH
¾
2.3~5.5
0.7
´ VCC
¾
¾
0.7
´ VCC
¾
1.65~
1.95
¾
¾
0.25
´ VCC
¾
0.25
´ VCC
Input
voltage
Low level
VIL
¾
2.3~5.5
¾
¾
0.3
´ VCC
¾
0.3
´ VCC
V
1.65
1.55
1.65
¾
1.55
¾
2.3
2.2
2.3
¾
2.2
¾
3.0
2.9
3.0
¾
2.9
¾
IOH = -100 mA
4.5
4.4
4.5
¾
4.4
¾
IOH = -4 mA
1.65
1.29
1.52
¾
1.29
¾
IOH = -8 mA
2.3
1.9
2.14
¾
1.9
¾
IOH = -16 mA
3.0
2.4
2.75
¾
2.4
¾
IOH = -24 mA
3.0
2.3
2.62
¾
2.3
¾
High level
VOH
VIN = VIH
IOH = -32 mA
4.5
3.8
4.13
¾
3.8
¾
1.65
¾
0
0.1
¾
0.1
2.3
¾
0
0.1
¾
0.1
3.0
¾
0
0.1
0.1
IOL = 100 mA
4.5
¾
0
0.1
¾
0.1
IOL = 4 mA
1.65
¾
0.08
0.24
¾
0.24
IOL = 8 mA
2.3
¾
0.1
0.3
0.3
IOL = 16 mA
3.0
¾
0.16
0.4
0.4
IOL = 24 mA
3.0
¾
0.24
0.55
0.55
Output
voltage
Low level
VOL
VIN = VIL
IOL = 32 mA
4.5
¾
0.25
0.55
¾
0.55
V
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
¾
¾
±1
¾
±10
mA
Power off leakage current
IOFF
VIN or VOUT = 5.5 V
0.0
¾
¾
1
¾
10
mA
Quiescent supply current
ICC
VIN = 5.5 V or GND
1.65~5.5
¾
¾
1
¾
10
mA


Podobny numer części - TC7WZ34FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WZ32FK TOSHIBA-TC7WZ32FK Datasheet
152Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ32FU TOSHIBA-TC7WZ32FU Datasheet
152Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ38FK TOSHIBA-TC7WZ38FK Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NAND Gate (Open Drain)
TC7WZ38FU TOSHIBA-TC7WZ38FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NAND Gate (Open Drain)
More results

Podobny opis - TC7WZ34FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WH34FU TOSHIBA-TC7WH34FU Datasheet
193Kb / 6P
   TRIPLE NON-INVERTER
TC7WH34FK TOSHIBA-TC7WH34FK_09 Datasheet
199Kb / 7P
   Triple Non-Inverter
TC7W34FU TOSHIBA-TC7W34FU_07 Datasheet
197Kb / 7P
   Triple Non-Inverter
TC7WG34FK TOSHIBA-TC7WG34FK_09 Datasheet
184Kb / 7P
   Triple NON-Inverter
TC7W34FK TOSHIBA-TC7W34FK_09 Datasheet
202Kb / 7P
   Triple Non-Inverter
logo
KEC(Korea Electronics)
KIC7WZ34FK KEC-KIC7WZ34FK Datasheet
36Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT(TRIPLE NON INVERTER)
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com