Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA100 Arkusz danych(PDF) 1 Page - SUNMATE electronic Co., LTD

Numer części TPA100
Szczegółowy opis  AXIAL LEADED TPA SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

TPA100 Arkusz danych(HTML) 1 Page - SUNMATE electronic Co., LTD

  TPA100 Datasheet HTML 1Page - SUNMATE electronic Co., LTD TPA100 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIAL LEADED TPA SERIES
1 of 2
TPA62-TPA270
IH = 150mA min.
IPP = 50 A, 10/1000
µs.
Features
!
!
!
!
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to leads (Llead = 10mm)
60
°C/W
Rth (j-a)
Junction to ambient on printed circuit (Llead = 10 mm)
100
°C/W
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
P
Power dissipation on infinite heatsink
Tamb =50
°C
1.7
W
IPP
Peak pulse current
10/1000
µs
8/20
µs
50
100
A
ITSM
Non repetitive surge peak on-state current
tp = 20 ms
30
A
I
2tI2t value for fusing
tp = 20 ms
9
A
2s
dV/dt
Critical rate of rise of off-state voltage
VRM
5
kV/
µs
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 55 to + 150
150
°C
°C
TL
Maximum lead temperatureforsolderingduring 10s at 5mm from case
230
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
www.sunmate.tw
Bidirectional Crowbar Protection
Voltage Range:From62v - 270v
Holding Current:
Repetitive Peak Pulse Current:
Case : DO-15 Molded plastic
Method 208 guaranteed
Mechanical Data
Epoxy : UL94V-O rate flame retardant
Lead : Axial lead solderable per MIL-STD-202,
Weight : 0.465 gram
!
!
!
!
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm


Podobny numer części - TPA100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TPA100 STMICROELECTRONICS-TPA100 Datasheet
53Kb / 5P
   TRISIL
TPA100 STMICROELECTRONICS-TPA100 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA100 BILIN-TPA100 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA100 STMICROELECTRONICS-TPA100 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Shenzhen Luguang Electr...
TPA100 LUGUANG-TPA100 Datasheet
2Mb / 4P
   Telecommunication Protection
More results

Podobny opis - TPA100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DB Lectro Inc
FLR190 DBLECTRO-FLR190 Datasheet
108Kb / 3P
   Axial Leaded PTC FLR Series
FSR120 DBLECTRO-FSR120 Datasheet
107Kb / 3P
   Axial Leaded PTC FSR Series
FLT070 DBLECTRO-FLT070 Datasheet
99Kb / 3P
   Axial Leaded PTC FLT Series
logo
List of Unclassifed Man...
PL002 ETC1-PL002 Datasheet
72Kb / 3P
   PL002 Series LED Axial Leaded
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB1R2K TAIYO-YUDEN-CAL45VB1R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com