Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AXP1T125GWH Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74AXP1T125GWH
Szczegółowy opis  Dual supply buffer/line driver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AXP1T125GWH Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74AXP1T125GWH Datasheet HTML 3Page - NXP Semiconductors 74AXP1T125GWH Datasheet HTML 4Page - NXP Semiconductors 74AXP1T125GWH Datasheet HTML 5Page - NXP Semiconductors 74AXP1T125GWH Datasheet HTML 6Page - NXP Semiconductors 74AXP1T125GWH Datasheet HTML 7Page - NXP Semiconductors 74AXP1T125GWH Datasheet HTML 8Page - NXP Semiconductors 74AXP1T125GWH Datasheet HTML 9Page - NXP Semiconductors 74AXP1T125GWH Datasheet HTML 10Page - NXP Semiconductors 74AXP1T125GWH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
74AXP1T125
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 21 December 2015
7 of 22
NXP Semiconductors
74AXP1T125
Dual supply buffer/line driver; 3-state
11. Dynamic characteristics
Table 10.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13; for wave form see Figure 5 and Figure 6.
Symbol Parameter
Conditions
VCCO
Unit
1.2 V
1.5 V
 0.1 V
1.8 V
 0.15 V
Typ[1]
Min
Typ[1]
Max
Min
Typ[1]
Max
Tamb = 25 C
tpd
propagation
delay
A to Y
[2]
VCCI = 0.75 V to 0.85 V
22
3
16
61
3
15
57
ns
VCCI = 1.1 V to 1.3 V
16.2
3.1
10.3
19.8
2.8
8.2
15.8
ns
VCCI = 1.4 V to 1.6 V
15.4
2.8
9.5
18.2
2.5
7.4
13.2
ns
VCCI = 1.65 V to 1.95 V
15.0
2.7
9.1
17.4
2.4
7.0
11.9
ns
VCCI = 2.3 V to 2.7 V
14.7
2.5
8.7
16.9
2.2
6.6
11.1
ns
ten
enable time OE to Y
[3]
VCCI = 0.75 V to 0.85 V
25
3
20
76
3
18
72
ns
VCCI = 1.1 V to 1.3 V
17.9
3.1
11.3
18.9
2.8
9.0
15.5
ns
VCCI = 1.4 V to 1.6 V
16.9
2.8
10.3
17.5
2.5
8.1
13.9
ns
VCCI = 1.65 V to 1.95 V
16.5
2.7
9.9
16.9
2.4
7.6
13.3
ns
VCCI = 2.3 V to 2.7 V
16.0
2.5
9.4
16.4
2.2
7.1
12.7
ns
tdis
disable time OE to Y
[4]
VCCI = 0.75 V to 0.85 V
25
3
20
76
3
20
72
ns
VCCI = 1.1 V to 1.3 V
17.1
3.1
12.0
18.3
2.8
11.3
17.4
ns
VCCI = 1.4 V to 1.6 V
16.1
2.8
11.1
17.4
2.5
10.3
16.0
ns
VCCI = 1.65 V to 1.95 V
15.6
2.7
10.6
16.5
2.4
9.9
15.5
ns
VCCI = 2.3 V to 2.7 V
15.0
2.5
10.0
16.3
2.2
9.4
15.0
ns
Tamb = 40 C to +85 C
tpd
propagation
delay
A to Y
[2]
VCCI = 0.75 V to 0.85 V
22
3
16
136
3
15
133
ns
VCCI = 1.1 V to 1.3 V
16.2
3.1
10.3
19.8
2.8
8.2
15.8
ns
VCCI = 1.4 V to 1.6 V
15.4
2.8
9.5
18.2
2.5
7.4
13.2
ns
VCCI = 1.65 V to 1.95 V
15.0
2.7
9.1
17.4
2.4
7.0
11.9
ns
VCCI = 2.3 V to 2.7 V
14.7
2.5
8.7
16.9
2.2
6.6
11.1
ns
ten
enable time OE to Y
[3]
VCCI = 0.75 V to 0.85 V
25
3
20
151
3
18
148
ns
VCCI = 1.1 V to 1.3 V
17.9
3.1
11.3
18.9
2.8
9.0
15.5
ns
VCCI = 1.4 V to 1.6 V
16.9
2.8
10.3
17.5
2.5
8.1
13.9
ns
VCCI = 1.65 V to 1.95 V
16.5
2.7
9.9
16.9
2.4
7.6
13.3
ns
VCCI = 2.3 V to 2.7 V
16.0
2.5
9.4
16.4
2.2
7.1
12.7
ns


Podobny numer części - 74AXP1T125GWH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AXP1T125GM NEXPERIA-74AXP1T125GM Datasheet
265Kb / 18P
   Dual supply buffer/line driver; 3-state
74AXP1T125GN NEXPERIA-74AXP1T125GN Datasheet
265Kb / 18P
   Dual supply buffer/line driver; 3-state
74AXP1T125GS NEXPERIA-74AXP1T125GS Datasheet
265Kb / 18P
   Dual supply buffer/line driver; 3-state
More results

Podobny opis - 74AXP1T125GWH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AXP1T125 NEXPERIA-74AXP1T125 Datasheet
265Kb / 18P
   Dual supply buffer/line driver; 3-state
74LVC4T3144 NEXPERIA-74LVC4T3144 Datasheet
291Kb / 27P
   4-bit dual supply buffer/line driver; 3-state
74LVC4T3144-Q100 NEXPERIA-74LVC4T3144-Q100 Datasheet
290Kb / 27P
   4-bit dual supply buffer/line driver; 3-state
Rev. 1 - 14 August 2017
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
logo
NXP Semiconductors
74AUP2T1326 NXP-74AUP2T1326 Datasheet
96Kb / 16P
   Low-power dual supply buffer/line driver; 3-state
Rev. 01-1 July 2009
74AUP1T1326 NXP-74AUP1T1326 Datasheet
127Kb / 24P
   Low-power dual supply buffer/line driver; 3-state
Rev. 01-20 January 2009
logo
Nexperia B.V. All right...
74AUP1T1326 NEXPERIA-74AUP1T1326 Datasheet
294Kb / 25P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2.1 - 23 July 2018
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com