Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAP1214-1-EZK-TR Arkusz danych(PDF) 1 Page - SMSC Corporation

Numer części CAP1214-1-EZK-TR
Szczegółowy opis  Multiple Channel Capacitive Touch Sensor and LED Driver
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1214-1-EZK-TR Arkusz danych(HTML) 1 Page - SMSC Corporation

  CAP1214-1-EZK-TR Datasheet HTML 1Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 2Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 3Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 4Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 5Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 6Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 7Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 8Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
SMSC CAP1214
DATASHEET
Revision 1.0 (08-30-10)
Datasheet
PRODUCT FEATURES
CAP1214
Multiple Channel Capacitive Touch
Sensor and LED Driver
General Description
The CAP1214 is a multiple channel Capacitive Touch
sensor and LED Driver.1
The CAP1214 contains up to fourteen (14) individual
Capacitive Touch sensor inputs with programmable
sensitivity for use in touch button and slider switch
applications. Each sensor input contains automatic
recalibration with programmable time delays.
The CAP1214 includes compensation circuitry that
provides uniform touch sensitivity across a wide range
of external sensing pad capacitance.
The CAP1214 also contains eleven (11) low side LED
drivers that offer full-on / off, variable rate blinking,
dimness controls, and breathing. LED outputs can be
linked to capacitive sensor channels.
Applications
Consumer Electronics
Desktop and Notebook PCs
LCD Monitors
Features
Fourteen (14) capacitive touch sensor inputs
— Compensates for variable sensing pads
— Programmable sensitivity
— High SNR allows for easy tuning
— Automatic recalibration
— Slider acceleration and position detection
— Proximity detection
Lid closure detection
Low power operation
— 4.5uA quiescent current in Deep Sleep
— 250uA quiescent current in Sleep, monitoring 1 button
FEEDBACK pin can drive a piezo transducer when a
touch is detected
User controlled reset
Low external component count
SMBus 2.0 compliant interface to change operating
parameters to work in a wide variety of systems
— Block Read and Write function for quick tasking
Eleven (11) LED driver outputs
— Programmable blink, breathe, and dimness controls
— 8 configurable as GPIOs
— LEDs can be linked to capacitive sensor channels
Development boards and software available
Available in 32-pin 5mm x 5mm QFN Lead-free
RoHS Compliant package
Block Diagram
1. SMSC and the SMSC logo are registered trademarks and
SMSC RightTouch is a trademark of Standard Microsystems
Corporation ("SMSC").
SMBus
Slave
Protocol
SMCLK
SMDATA
VDD GND
ALERT
Capacitive Sensing Algorithm
LED Blink, Breathe, and Dimness control
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED11
CS1
CS2
CS3
CS4
CS5
CS6
CS7
CS8
CS9
CS10
CS11
CS12
CS13
CS14
RESET
FEEDBACK


Podobny numer części - CAP1214-1-EZK-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
CAP1214-1-EZK-TR MICROCHIP-CAP1214-1-EZK-TR Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
More results

Podobny opis - CAP1214-1-EZK-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
CAP1114 MICROCHIP-CAP1114 Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.1 02-04-11
logo
SMSC Corporation
CAP1014 SMSC-CAP1014 Datasheet
1Mb / 84P
   Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1114 SMSC-CAP1114 Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
logo
Microchip Technology
CAP1214 MICROCHIP-CAP1214 Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com