Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAP1214-1-EZK-TR Arkusz danych(PDF) 11 Page - SMSC Corporation

Numer części CAP1214-1-EZK-TR
Szczegółowy opis  Multiple Channel Capacitive Touch Sensor and LED Driver
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1214-1-EZK-TR Arkusz danych(HTML) 11 Page - SMSC Corporation

Back Button CAP1214-1-EZK-TR Datasheet HTML 7Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 8Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 9Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 10Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 11Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 12Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 13Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 14Page - SMSC Corporation CAP1214-1-EZK-TR Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
11
Revision 1.0 (08-30-10)
DATASHEET
The pin types are described in Table 1.2, "Pin Types". All pins labeled with (5V) are 5V tolerant.
Note: For all 5V tolerant pins that require a pull-up resistor, the voltage difference between VDD and
the pull-up voltage must never exceed 3.6V.
23
RESET
Soft reset for system - resets all registers to
default values
DI (5V)
Connect to Ground
24
FEEDBACK
Sensor press feedback output.
DO
Leave open
25
N/C
Not Connected
N/A
Connect to Ground
26
CS1
Capacitive Touch Sensor 1
AIO
Connect to Ground
27
CS2
Capacitive Touch Sensor 2
AIO
Connect to Ground
28
CS3
Capacitive Touch Sensor 3
AIO
Connect to Ground
29
CS4
Capacitive Touch Sensor 4
AIO
Connect to Ground
30
CS5
Capacitive Touch Sensor 5
AIO
Connect to Ground
31
CS6
Capacitive Touch Sensor 6
AIO
Connect to Ground
32
CS7
Capacitive Touch Sensor 7
AIO
Connect to Ground
Bottom
Plate
GND
Power Ground
Power
n/a
Table 1.2 Pin Types
PIN TYPE
DESCRIPTION
AIO
Analog Input / Output - this pin is used as an I/O for analog signals.
DI
Digital Input - this pin is used as a digital input. This pin is 5V tolerant.
DIOD
Digital Input / Open Drain Output - this pin is used as an digital I/O. When it is used as an
output, It is open drain and requires a pull-up resistor. This pin is 5V tolerant.
DO
Push-pull Digital Output - this pin is used as a digital output and can sink and source current.
OD
Open Drain Digital Output - this pin is used as a digital output. It is open drain and requires a
pull-up resistor. This pin is 5V tolerant.
Power
This pin is used to supply power or ground to the device.
Table 1.1 Pin Description for CAP1214 (continued)
PIN #
PIN NAME
PIN FUNCTION
PIN
TYPE
UNUSED
CONNECTION


Podobny numer części - CAP1214-1-EZK-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
CAP1214-1-EZK-TR MICROCHIP-CAP1214-1-EZK-TR Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
More results

Podobny opis - CAP1214-1-EZK-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
CAP1114 MICROCHIP-CAP1114 Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.1 02-04-11
logo
SMSC Corporation
CAP1014 SMSC-CAP1014 Datasheet
1Mb / 84P
   Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1114 SMSC-CAP1114 Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
logo
Microchip Technology
CAP1214 MICROCHIP-CAP1214 Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com